Electronic Components Datasheet Search
  English  ▼

X  

G236 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # G236
Description  Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G236 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  G236 Datasheet HTML 1Page - MicroPower Direct, LLC G236 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes: All dimensions are typical in inches (mm)
Tolerance x.xx = !0.01 (!0.25)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
G201
5
4.5 - 5.5
452
35
3.3
500.0
10.0
11
73
1,000
G202
5
4.5 - 5.5
526
35
5.0
400.0
8.0
11
76
1,000
G203
5
4.5 - 5.5
495
35
12.0
165.0
3.0
7
80
1,000
G204
5
4.5 - 5.5
499
35
15.0
133.0
2.5
7
80
1,000
G205
5
4.5 - 5.5
519
35
!5.0
!200.0
!4.0
10
77
1,000
G206
5
4.5 - 5.5
504
35
!12.0
!83.0
!1.5
7
79
1,000
G207
5
4.5 - 5.5
501
35
!15.0
!66.0
!1.0
7
79
1,000
G211
12
10.8 - 13.2
185
25
3.3
500.0
10.0
8
74
500
G212
12
10.8 - 13.2
212
25
5.0
400.0
8.0
8
78
500
G213
12
10.8 - 13.2
200
25
12.0
165.0
3.0
5
82
500
G214
12
10.8 - 13.2
200
25
15.0
133.0
2.5
5
83
500
G215
12
10.8 - 13.2
222
25
!5.0
!200.0
!4.0
8
75
500
G216
12
10.8 - 13.2
201
25
!12.0
!83.0
!1.5
5
82
500
G217
12
10.8 - 13.2
200
25
!15.0
!66.0
!1.0
5
82
500
G221
24
21.6 - 26.4
92
10
3.3
500.0
10.0
8
74
200
G222
24
21.6 - 26.4
108
10
5.0
400.0
8.0
8
77
200
G223
24
21.6 - 26.4
101
10
12.0
165.0
3.0
5
81
200
G224
24
21.6 - 26.4
101
10
15.0
133.0
2.5
5
82
200
G225
24
21.6 - 26.4
111
10
!5.0
!200.0
!4.0
8
75
200
G226
24
21.6 - 26.4
102
10
!12.0
!83.0
!1.5
5
81
200
G227
24
21.6 - 26.4
100
10
!15.0
!66.0
!1.0
5
82
200
G231
48
43.2 - 54.8
28
6
3.3
500.0
10.0
8
74
100
G232
48
43.2 - 54.8
27
6
5.0
400.0
8.0
8
77
100
G233
48
43.2 - 54.8
26
6
12.0
165.0
3.0
5
81
100
G234
48
43.2 - 54.8
25
6
15.0
133.0
2.5
5
82
100
G235
48
43.2 - 54.8
28
6
!5.0
!200.0
!4.0
8
75
100
G236
48
43.2 - 54.8
26
6
!12.0
!83.0
!1.5
5
81
100
G237
48
43.2 - 54.8
25
6
!15.0
!66.0
!1.0
5
82
100
232 Tosca Drive, Stoughton, MA 02072
www.micropowerdirect.com
sales@micropowerdirect.com
phone: (781) 344 - 8226 * fax: (781) 344 - 8481
Mechanical Dimensions
MicroPower
Direct
Pin
Single
Dual
1
-Vin
-Vin
7NC
NC
8
No Pin
Common
9
+Vout
+Vout
11
-Vout
-Vout
14
+Vin
+Vin
NC = No Connection
Pin Connections
Single Output
µF Max
Dual Output
µF Max
470
!390
Capacitive Load
Model Selection Guide
Notes:
1. Dual output units may be connected to provide a 10V,
24V or 30 VDC output. To do this, connect the load
across the positive (+Vout) and negative (-Vout)
outputs and float the output common.
2. These units do not require external comonents to
operate, but the use of an input capacitor (10 µF) may
enhance performance in some applications. An output
capacitor (4.7 µF to 10 µF) may be used to reduce
ripple.
Derating Curve
Ambient Temperature
1C
85
-40
-20
0
5
15
25
35
45
55
65
75
95
105
0
20
40
60
80
100
0.80 (20.32)
11
9
1
14
0.10
(2.54)
0.60 (15.24)
0.10
(2.54)
0.01
(0.25)
0.01
(0.25)
0.40
(10.2)
0.12
(3.05)
0.05
(1.25)
Bottom
Side
7
8
Note: “T” = 0.27 (6.85) For 5, 12 & 24 VDC Input Models
0.30 (7.50) For 48 VDC Input Models
“T”



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com