Electronic Components Datasheet Search
  English  ▼

X  

1SS294 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1SS294
Description  SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1SS294 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1SS294 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1SS294 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 30/01/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1SS294
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
Features
• Small surface mounting type
• Low reverse current
• Low forward voltage
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Maximum Peak Reverse Voltage
VRM
45
V
Reverse Voltage
VR
40
V
Average Forward Current
IO
100
mA
Maximum Peak Forward Current
IFM
300
mA
Power Disspation
PD
150
mW
Junction Temperature
Tj
125
O
C
Storage Temperature Range
Tstg
- 55 to + 125
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 100 mA
VF
0.6
V
Reverse Current
at VR = 40 V
IR
5
µA
Total Capacitance
at VR = 0 V, f = 1 MHz
CT
25
pF
1
3
2
Marking Code: "XM"
SOT-23 Plastic Package


Similar Part No. - 1SS294

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS294 TOSHIBA-1SS294 Datasheet
114Kb / 2P
DIODE (LOW VOLTAGE HIGH SPEED SWITCHING)
07-May-1997
1SS294 TOSHIBA-1SS294 Datasheet
197Kb / 3P
Low Voltage High Speed Switching
logo
Guangdong Kexin Industr...
1SS294 KEXIN-1SS294 Datasheet
34Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
logo
Toshiba Semiconductor
1SS294 TOSHIBA-1SS294 Datasheet
191Kb / 3P
Low Voltage High Speed Switching
1SS294T5LFT TOSHIBA-1SS294T5LFT Datasheet
191Kb / 3P
Low Voltage High Speed Switching
More results

Similar Description - 1SS294

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RB751V-40 SEMTECH_ELEC-RB751V-40 Datasheet
125Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB425D SEMTECH_ELEC-SB425D Datasheet
119Kb / 1P
Silicon Epitaxial Planar Schottky Barrier Diode
RB521S-30 SEMTECH_ELEC-RB521S-30 Datasheet
187Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WT SEMTECH_ELEC-SDB720WT Datasheet
195Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB491D SEMTECH_ELEC-SB491D Datasheet
145Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
BAT378W SEMTECH_ELEC-BAT378W Datasheet
167Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDA06WS SEMTECH_ELEC-SDA06WS Datasheet
129Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WS SEMTECH_ELEC-SDB720WS Datasheet
172Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
RB161L-40 SEMTECH_ELEC-RB161L-40 Datasheet
165Kb / 2P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
SHIKUES Electronics
BAT54XV2 SKTECHNOLGY-BAT54XV2 Datasheet
389Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com