Electronic Components Datasheet Search
  English  ▼

X  

EB2011-CG Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # EB2011-CG
Description  Light Touch Miniature Pushbuttons
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

EB2011-CG Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  EB2011-CG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-CG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-CG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-CG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-CG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-CG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Light Touch Miniature Pushbuttons
Series EB
CAPS & COLORS
TYPICAL SWITCH DIMENSIONS
Solder Lug
Single Pole
Solder Lug
Double Pole
B
Cap Colors
Available:
A
B
C
AT443
.315” (8.0mm) Diameter Snap-on Cap
AT442
.394” (10.0mm) Diameter Snap-on Cap
Momentary
Plunger Length
EB2011-BA
EB2061-BA
E
F
G
H
Plunger Extension
Due to a difference in plunger lengths on the momentary and alternate action models, cap distance from top of bushing varies.
Cap Material: Polycarbonate
Finish: Glossy
C
Cap Colors
Available:
A
B
C
E
F
G
H
Cap Material: Polycarbonate
Finish: Glossy
Black
White
Red
Yellow
Green
Blue
Gray
Black
White
Red
Yellow
Green
Blue
Gray
Momentary
Cap Location
Alternate
Plunger Length
Alternate
Cap Location
(7.0)
.276
Keyway
(11.0)
.433
(3.9) Typ
.154
(0.5)
.020
(4.0) Typ
.157
(4.5)
.177
For Momentary Devices
(8.5)
.335
(7.6)
.299
(18.0)
.709
(6.8)
.268
(1.4)
.055
(0.7) Typ
.028
(1.1) x (2.0) Typ
.043 x .079
M6 P0.75
(8.0) Dia
.315
3
2
1
(2.0) Typ
.079
COM
(11.7)
.461
Keyway
(11.0)
.433
(3.9) Typ
.154
(0.5)
.020
(4.0) Typ
.157
(4.5)
.177
For Momentary Devices
(8.5)
.335
(7.6)
.299
(18.0)
.709
(6.8)
.268
(1.4)
.055
(0.7) Typ
.028
(1.1) x (2.0) Typ
.043 x .079
M6 P0.75
(8.0) Dia
.315
3
2
1
(2.0) Typ
.079
4
5
6
COM
(4.7)
.185
(2.3) Dia
.091
(3.0) Dia
.118
(9.3)
.366
(3.3) Dia
.130
(2.3) Dia
.091
(3.0) Dia
.118
(8.0)
.315
(8.0) Dia
.315
(7.6)
.299
(8.0)
.315
(10.0) Dia
.394
(2.7)
.106
(1.2)
.047
(2.5)
.098
(1.4)
.055



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com