Electronic Components Datasheet Search
  English  ▼

X  

SM5200C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM5200C
Description  5.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM5200C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM5200C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM5200C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working P eak R everse V oltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I = 5 Amps,T = 25 C)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
5
0.02
5
V
V
A
A
V
mA
mA
pF
18
0.70
0.85
Typical Thermal Resistance R
θJC (Note 2)
-50
+150
-65
+175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
SM5200C
200
200
200
150
F
F
Maximum Instantaneous Forward Voltage (I =
5 Amps,T = 125 C)
F
F
2
50
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 1.10 grams(Approximately)
Any changing of specification will not be informed individual
SM5200C
VOLTAGE 200V
5.0 Amp Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
SMC
01-Jun-2002 Rev. A
Page 1 of 2
.320(8.13)
.305(7.75)
.280(7.11)
.260(6.60)
.012(0.31)
.006(0.15)
.124(3.15)
.108(2.75)
.103(2.62)
.079(2.00)
.050(1.27)
.030(0.76)
.245(6.22)
.220(5.59)
.008
(.203)MAX.
Dimensions in inches and (millimeters)
~
~
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SM5200C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5200C SECOS-SM5200C Datasheet
197Kb / 2P
5.0 A Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM5200C GWSEMI-SM5200C Datasheet
63Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM5200C AITSEMI-SM5200C Datasheet
360Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV3.1
logo
SeCoS Halbleitertechnol...
SM5200C SECOS-SM5200C_10 Datasheet
197Kb / 2P
5.0 A Schottky Barrier Rectifiers
SM5200C SECOS-SM5200C_15 Datasheet
171Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SM5200C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR560S SECOS-SDR560S Datasheet
405Kb / 2P
5.0 AMP Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR520 DGNJDZ-SR520 Datasheet
469Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SR5150L BYTESONIC-SR5150L Datasheet
353Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
Version 1.0 2019/3/08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com