Electronic Components Datasheet Search
  English  ▼

X  

SM6201 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SM6201
Description  Voltage Regula tor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM6201 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SM6201 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM6201 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM6201 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM6201 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SM6201 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SM6201 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SM6201 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SM6201 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
01-Jun-2002 Rev. A
Page
3 of 8
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
S
M6201-27 VOUT (T) =2.7V (Note1)
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Output Voltage
VOUT(E)(Note2)
VIN=3.7V, IOUT=40mA
2.646
2.700
2.754
V
Max. Output Current
IOUT max
VIN=3.7V, VOUT(E) 2.43V
100
-
-
mA
Load Regulation
VOUT
VIN=3.7V, IOUT=1mA to 60mA
-
15
40
mV
Vdif1
IOUT=60mA
-
200
370
Dropout Voltage (Note3)
Vdif2
IOUT=120mA
-
450
710
mV
Supply Current
ISS
VIN=3.7V
-
2.0
5.0
A
Input Regulation
VOUT
VIN*VOUT
IOUT=40mA
VIN=3.7V to 10V
-
0.2
0.3
%/V
Input Voltage
VIN
1.8
-
10
V
Output Voltage
Temperature
Characteristics
VOUT
Topr*VOUT
IOUT=40mA
-40 : Topr 85 :
-
±100
-
ppm/ :
S
M6201-18 VOUT (T) =1.8V (Note1)
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Output Voltage
VOUT(E)(Note2)
VIN=2.8V, IOUT=40mA
1.764
1.800
1.836
V
Max. Output Current
IOUT max
VIN=2.8V, VOUT(E) 1.62V
80
-
-
mA
Load Regulation
VOUT
VIN=2.8V, IOUT=1mA to 60mA
-
10
30
mV
Vdif1
IOUT=40mA
-
200
370
Dropout Voltage (Note3)
Vdif2
IOUT=80mA
-
450
710
mV
Supply Current
ISS
VIN=2.8V
-
3.0
5.0
A
Input Regulation
VOUT
VIN*VOUT
IOUT=40mA
VIN=2.8V to 10V
-
0.2
0.3
%/V
Input Voltage
VIN
1.8
-
10
V
Output Voltage
Temperature
Characteristics
VOUT
Topr*VOUT
IOUT=40mA
-40 : Topr 85 :
-
±100
-
ppm/ :
S
M6201-13 VOUT (T) =1.3V (Note1)
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Output Voltage
VOUT(E)(Note2)
VIN=2.3V, IOUT=40mA
1.274
1.300
1.326
V
Max. Output Current
IOUT max
VIN=2.3V, VOUT(E) 1.17V
60
-
-
mA
Load Regulation
VOUT
VIN=2.3V, IOUT=1mA to 30mA
-
10
30
mV
Vdif1
IOUT=30mA
-
200
600
Dropout Voltage (Note3)
Vdif2
IOUT=60mA
-
500
810
mV
Supply Current
ISS
VIN=2.3V
-
3.0
5.0
A
Input Regulation
VOUT
VIN*VOUT
IOUT=40mA
VIN=2.3V to 10V
-
0.2
0.3
%/V
Input Voltage
VIN
1.8
-
10
V
Output Voltage
Temperature
Characteristics
VOUT
Topr*VOUT
IOUT=40mA
-40 : Topr 85 :
-
±100
-
ppm/ :
Test Circuit
Circuit1
Circuit2
SM6201
CMOS Positive
Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com