Electronic Components Datasheet Search
  English  ▼

X  

SM20150D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM20150D
Description  20 AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM20150D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM20150D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM20150D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM20150D
VOLTAGE 150V
20 AMP Surface Mount Schottky Barrier Rectifiers
D2-Pack
●FEATURES
. Low forward voltage drop
. High current capability
. High reliability
. High surge current capability
. Epitaxial construction
●MECHANICAL DATA
. Case: Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Metallurgically bonded construction
. Polarity: Color band denotes cathode end
. Mounting position: Any
. Weight: 1.60 grams
●MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SM20150D
UNITS
Maximum Recurrent Peak Reverse Voltage
150
V
Working Peak Reverse Voltage
150
V
Maximum DC Blocking Voltage
150
V
Maximum Average Forward Rectified Current,
See Fig. 1
20
A
Peak Forward Surge Current, 8.3 mS single half Sine-wave
superimposed on rated load (JEDEC method)
1
50
A
Maximum Instantaneous Forward Voltage at 10A
0.87
V
Maximum DC Reverse Current Ta=25 ℃
0.05
At Rated DC Blocking Voltage Ta=100 ℃
5
mA
Typical Junction Capacitance (Note 1)
350
pF
Typical Thermal Resistance RθJC (Note 2)
3
℃
/ W
Operating Temperature Range TJ
-50 ~ +150
℃
Storage Temperature Range TSTG
-65 ~ +175
℃
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
1.2
+0.2
5.08
0.8
+ 0.2
0.1
10
+0.5
4.5
+0.2
1.28
2.7
0.4
+0.2
1
3
2
Common Cathode
Dimensions in millimeters
2
2
3
1
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SM20150D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM20150D SECOS-SM20150D_15 Datasheet
242Kb / 2P
20A Schottky Barrier Rectifiers
More results

Similar Description - SM20150D

ManufacturerPart #DatasheetDescription
logo
Bytes
SM120A BYTES-SM120A Datasheet
153Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B_1 Datasheet
199Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS12 YANGJIE-SS12 Datasheet
61Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SGL34-20 UNIOHM-SGL34-20 Datasheet
63Kb / 2P
0.8 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM120M UNIOHM-SM120M Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM220A UNIOHM-SM220A Datasheet
66Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM220B UNIOHM-SM220B Datasheet
67Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM320A UNIOHM-SM320A Datasheet
66Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 UNIOHM-SM5817 Datasheet
62Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MSCD102 SECOS-MSCD102_15 Datasheet
177Kb / 3P
1.0 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com