Electronic Components Datasheet Search
  English  ▼

X  

SMA4735 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMA4735
Description  1.0 Watts Surface Mount Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA4735 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMA4735 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA4735 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA4735 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMA4735 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMA4735 THRU
SMA4764
VOLTAGE 6.2V ~ 100V
1.0 Watts Surface Mount Zener Diode
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Surge
Part No.
Vz
IzT
ZZT
ZZK
IZK
Current
( V )
( mA )
(Ohm)
(Ohm)
( mA )
VR(V)
( mA )
SMA4741
11
23
8.0
700
0.25
5.0
8.4
414
SMA4742
12
21
9.0
700
0.25
5.0
9.1
380
SMA4743
13
19
10
700
0.25
5.0
9.9
344
SMA4744
15
17
14
700
0.25
5.0
11.4
304
SMA4745
16
15.5
16
700
0.25
5.0
12.2
285
SMA4746
18
14
20
750
0.25
5.0
13.7
250
SMA4747
20
12.5
22
750
0.25
5.0
15.2
225
SMA4748
22
11.5
23
750
0.25
5.0
16.7
205
SMA4749
24
10.5
25
750
0.25
5.0
18.2
190
SMA4750
27
9.5
35
750
0.25
5.0
20.6
170
SMA4751
30
8.5
40
1000
0.25
5.0
22.8
150
SMA4752
33
7.5
45
1000
0.25
5.0
25.1
135
SMA4753
36
7
50
1000
0.25
5.0
27.4
125
SMA4754
39
6.5
60
1000
0.25
5.0
29.7
115
SMA4755
43
6
70
1500
0.25
5.0
32.7
110
SMA4756
47
5.5
80
1500
0.25
5.0
35.8
95
SMA4757
51
5
95
1500
0.25
5.0
38.8
90
SMA4758
56
4.5
110
2000
0.25
5.0
42.6
80
SMA4759
62
4
125
2000
0.25
5.0
47.1
70
SMA4760
68
3.7
150
2000
0.25
5.0
51.7
65
SMA4761
75
3.3
175
2000
0.25
5.0
56.0
60
SMA4762
82
3
200
3000
0.25
5.0
62.2
55
SMA4763
91
2.8
250
3000
0.25
5.0
69.2
50
SMA4764
100
2.5
350
3000
0.25
5.0
76.0
45
Tolerance 5%
IR(uA) Max.
SMA4735
6.2
41
2.0
700
1.0
50.0
3.0
730
SMA4736
6.8
37
3.5
700
1.0
10.0
4.0
660
SMA4737
7.5
34
4.0
700
0.5
10.0
5.0
605
SMA4738
8.2
31
4.5
700
0.5
10.0
6.0
550
SMA4739
9.1
28
5.0
700
0.5
10.0
7.0
500
SMA4740
10
25
7.0
700
0.25
10.0
7.6
454
Electrical Characteristic (Ta=25oC)
05-Nov-2007 Rev. C
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com