Electronic Components Datasheet Search
  English  ▼

X  

HC645 Datasheet(PDF) 1 Page - Texas Instruments

Part # HC645
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC645 Datasheet(HTML) 1 Page - Texas Instruments

  HC645 Datasheet HTML 1Page - Texas Instruments HC645 Datasheet HTML 2Page - Texas Instruments HC645 Datasheet HTML 3Page - Texas Instruments HC645 Datasheet HTML 4Page - Texas Instruments HC645 Datasheet HTML 5Page - Texas Instruments HC645 Datasheet HTML 6Page - Texas Instruments HC645 Datasheet HTML 7Page - Texas Instruments HC645 Datasheet HTML 8Page - Texas Instruments HC645 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN54HC645, SN74HC645
OCTAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCLS304B – JANUARY 1996 – REVISED DECEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current 3-State Outputs Can Drive Up
To 15 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 12 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D True Logic
SN54HC645 ...J OR W PACKAGE
SN74HC645 ...DW, N, OR NS PACKAGE
(TOP VIEW)
SN54HC645 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
32
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
B1
B2
B3
B4
B5
A3
A4
A5
A6
A7
description/ordering information
These octal bus transceivers are designed for asynchronous two-way communication between data buses.
These devices transmit data from the A bus to the B bus or from the B bus to the A bus, depending upon the
level at the direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so the
buses are effectively isolated.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74HC645N
SN74HC645N
40
°Cto85°C
SOIC
DW
Tube
SN74HC645DW
HC645
–40
°C to 85°C
SOIC – DW
Tape and reel
SN74HC645DWR
HC645
SOP – NS
Tape and reel
SN74HC645NSR
HC645
CDIP – J
Tube
SNJ54HC645J
SNJ54HC645J
–55
°C to 125°C
CFP – W
Tube
SNJ54HC645W
SNJ54HC645W
LCCC – FK
Tube
SNJ54HC645FK
SNJ54HC645FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - HC645

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC640 TI-HC640 Datasheet
433Kb / 14P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
HC646 PHILIPS-HC646 Datasheet
91Kb / 12P
Octal bus transceiver/register; 3-state
September 1993
logo
STMicroelectronics
HC646 STMICROELECTRONICS-HC646 Datasheet
202Kb / 12P
HC648 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HC646 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
Oct-1993
logo
Texas Instruments
HC646 TI-HC646 Datasheet
175Kb / 10P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
HC646 TOSHIBA-HC646 Datasheet
307Kb / 7P
OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
18-Aug-1998
More results

Similar Description - HC645

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
Octal Bus Transceivers With 3 State Outputs
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com