Electronic Components Datasheet Search
  English  ▼

X  

EB2011-BH Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # EB2011-BH
Description  Light Touch Miniature Pushbuttons
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

EB2011-BH Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  EB2011-BH Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-BH Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-BH Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-BH Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-BH Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-BH Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Light Touch Miniature Pushbuttons
Series EB
COLORS
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
TYPICAL SWITCH ORDERING EXAMPLE
F
65
B
EB20
SPDT
ON-ON Circuit
Silver Contacts & Solder Lug
Terminals with 3-Amp Rating
POLES & CIRCUITS
11
SPDT
ON
(ON)
65
SPDT
ON
ON
61
DPDT
ON
(ON)
85
DPDT
ON
ON
( ) = Momentary
IMPORTANT:
Switches are supplied without UL, C-UL
& CSA markings unless specified. Spe-
cific models & ratings noted on General
Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
EB2065-BF
CAPS
B
.315” (8.0mm) Dia.
C
.394” (10.0mm) Dia.
CONTACTS, RATINGS, & TERMINALS
No
Code
Silver Contacts; Solder Lug Terminals;
3A @ 125V AC
G
Gold Contacts; Solder Lug Terminals
0.4VA max @ 28V AC/DC max
P
Silver Contacts; Straight PC Terminals;
3A @ 125V AC
PG
Gold Contacts; Straight PC Terminals
0.4VA max @ 28V AC/DC max
Green .315” (8.0mm)
Diameter Cap



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com