Electronic Components Datasheet Search
  English  ▼

X  

SMAJ Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMAJ
Description  400W Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMAJ Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMAJ Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMAJ Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMAJ Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMAJ Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any changing of specification will not be informed individual
SMAJ SERIES
VOLTAGE 5.0V ~ 170V
400W Peak Power Surface Mount TVS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RATINGS
SYMBOL
VALUE
UNITS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1)
PPK
Minimum 400
Watts
FEATURES
MECHANICAL DATA
Peak Forward Surge Current at 8.3ms Single Half Sine-Wave
Maximum Instantenous Forward Voltage at 25.0A for
superimposed on rated load (JEDEC method) (NOTE 3)
Unidirectional only
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
* For surface mount application
1.0ps from 0 volt to BV min.
* High temperature soldering guaranteed:
260 C / 10 seconds at terminals
* Typical IR less than 1mA above 10V
* Fast response time: Typically less than
* Built-in strain relief
* Excellent clamping capability
* Low profile package
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: Color band denotes cathode end except Bidirectional
* Mounting position: Any
Weight: 0.063 grams
*
IFSM
40
Amps
VF
3.5
Volts
NOTES:
1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2.
2. Mounted on Copper Pad area of 5.0mm (.013mm Thick) to each terminal.
3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types SMAJ5.0 thru SMAJ170.
2. Electrical characteristics apply in both directions.
2
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2006 Rev. B
Page 1 of 4
A
B
D
G
E
H
F
C
Dimensions in
Millimeters
Dimensions in
Inches
A
1.25
1.65
0.049
0.065
B
3.99
4.60
0.157
0.181
C
2.50
2.90
0.098
0.114
D
1.98
2.44
0.078
0.096
E
0.051
0.203
0.002
0.008
F
4.78
5.28
0.188
0.208
G
0.76
1.52
0.030
0.060
H
0.006
0.012
0.305
0.152
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SMAJ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ JGD-SMAJ Datasheet
313Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMAJ EIC-SMAJ Datasheet
28Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
More results

Similar Description - SMAJ

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE6.8 SECOS-P4KE6.8 Datasheet
194Kb / 4P
400W Peak Power / 1.0W Steady State 400W Peak Power TVS
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
400W Peak Power TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
400W SURFACE MOUNT TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
400W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
400W Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com