Electronic Components Datasheet Search
  English  ▼

X  

H100I Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # H100I
Description  Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

H100I Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  H100I Datasheet HTML 1Page - MicroPower Direct, LLC H100I Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Output load regulation is specified for a load change of
20% to 100%.
2. When measuring output ripple, it is recommended that
an external 0.33
µF ceramic capacitor be placed from the
+Vout pin to the -Vout pin.
3. Operation at no-load will not damage these units. How-
ever, they may not meet all specifications.
4. The 5V, 12V and 24V input units do not require external
components to operate, but the use of a low ESR capaci-
tor (approximately 10
uF, ESR <1.0Ω at 100 kHz) mounted
close to the converter input pins is recommended.
For 48 VDC input units, an input capacitor should always be
used. Dependent upon the application, a value between
4.7
µF and 47 uF should be sufficient.
5. It is recommended that a fuse be used on the input of a
power supply for protection. See the table above for the
correct rating.
Model Selection Guide
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the top
of the unit
Mechanical Dimensions
Pin Connections
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
H101I
5
4.5 - 5.5
278
25
3.3
300.0
5.0
72
500
H102I
5
4.5 - 5.5
267
25
5.0
200.0
4.0
75
500
H103I
5
4.5 - 5.5
260
25
9.0
111.0
2.0
77
500
H104I
5
4.5 - 5.5
256
25
12.0
83.3
2.0
78
500
H105I
5
4.5 - 5.5
257
25
15.0
66.6
2.0
78
500
H106I
5
4.5 - 5.5
257
25
24.0
41.6
2.0
78
500
H111I
12
10.8 - 13.2
116
16
3.3
300.0
5.0
72
200
H112I
12
10.8 - 13.2
112
16
5.0
200.0
4.0
75
200
H113I
12
10.8 - 13.2
109
16
9.0
111.0
2.0
77
200
H114I
12
10.8 - 13.2
107
16
12.0
83.3
2.0
78
200
H115I
12
10.8 - 13.2
107
16
15.0
66.6
2.0
78
200
H116I
12
10.8 - 13.2
107
16
24.0
41.6
2.0
78
200
H121I
24
21.6 - 26.4
58
8
3.3
300.0
5.0
72
100
H122I
24
21.6 - 26.4
56
8
5.0
200.0
4.0
75
100
H123I
24
21.6 - 26.4
55
8
9.0
111.0
2.0
77
100
H124I
24
21.6 - 26.4
54
8
12.0
83.3
2.0
78
100
H125I
24
21.6 - 26.4
54
8
15.0
66.6
2.0
78
100
H126I
24
21.6 - 26.4
54
8
24.0
41.6
2.0
78
100
Pin
Function
1-Vin
4+Vin
5
+Vout
7
-Vout
(
µF Max)
220
Capacitive
Load
Other outputs are available.
Contact the factory for details at:
sales@micropowerdirect.com
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com