Electronic Components Datasheet Search
  English  ▼

X  

G221RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # G221RW
Description  Compact MiniDIP, 2W Wide Input Range DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G221RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  G221RW Datasheet HTML 1Page - MicroPower Direct, LLC G221RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 2W Output Power
• 2:1 Input Voltage Range
• 1,500 VDC Isolation
• Short Circuit Protected
• Compact MiniDIP Case
• Single & Dual Outputs
• 1.0 MH MTBF
• Industry Standard Pin-Out
G200RW
Compact MiniDIP, 2W
Wide Input Range
DC/DC Converters
Series
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
5 VDC Input
3.5
4.0
4.5
VDC
12 VDC Input
4.5
7.0
9.0
24 VDC Input
8.0
12.0
18.0
48 VDC Input
16.0
24.0
36.0
Input Filter
π (Pi) Filter
Reverse Polarity Input Current
1.0
A
Short Circuit Input Power
1,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±2.0
%
Output Voltage Balance
±1.0
±2.0
%
Line Regulation
Vin = Min to Max
±0.3
±0.5
%
Load Regulation
Iout = 25% to 100%
±0.5
±0.75
%
Ripple & Noise (20 MHz) (Note 1)
30
50
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
75
mV P - P
Ripple & Noise (20 MHz)
15
mV rms
Output Power Protection
120
%
Transient Response Time (Note 2)
50% Load Step Change
100
300
µSec
Transient Response Deviation
±3.0
±5.0
%
Temperature Coefficient
±0.01
±0.02
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Test Voltage
Flash Tested For 1 Sec
1,650
VDC
Isolation Resistance
1,000 VDC
1,000
M
Ω
Isolation Capacitance
100 kHz, 1V
250
420
pF
Switching Frequency
300
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+65
°C
Operating Temperature Range
Case
-40
+25
+90
°C
Storage Temperature Range
-40
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.94 x 0.54 x 0.30 Inches (23.8 x 13.7 x 7.62 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.18 Oz (5.1g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1,000
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
11.0
VDC
12 VDC Input
-0.7
25.0
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
°C
Internal Power Dissipation
All Models
1,800
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - G221RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G221 MPD-G221 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
Multicomp Pro
G221 MULTICOMP-G221 Datasheet
304Kb / 3P
Multipurpose Boxes with Lids
14/09/20 V1.0
logo
Heyco.
G2213 HEYCO-G2213 Datasheet
120Kb / 1P
Screw-In Rubber Pocket Bumpers
G2217 HEYCO-G2217 Datasheet
120Kb / 1P
Screw-In Rubber Pocket Bumpers
logo
Global Mixed-mode Techn...
G2218 GMT-G2218 Datasheet
71Kb / 1P
654 Channels PMU
More results

Similar Description - G221RW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221RW ETC1-D221RW Datasheet
70Kb / 2P
Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
MicroPower Direct, LLC
D200RW MPD-D200RW Datasheet
198Kb / 2P
Miniature SIP, 2W Wide Input Range DC/DC Converters
G200 MPD-G200 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
G200E MPD-G200E Datasheet
199Kb / 2P
Low Cost, 2W Compact MiniDIP DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
Compact MiniDIP, 2W High Isolation DC/DC Converters
LF200RW MPD-LF200RW Datasheet
174Kb / 2P
Miniature SMT, 2W Wide Input Range DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
MG200MRRI4 MPD-MG200MRRI4 Datasheet
235Kb / 2P
Medical Approved Compact MiniDIP, 2W DC/DC Converters
MG800RU MPD-MG800RU Datasheet
466Kb / 2P
Compact, 8W 4:1 Input, MiniDIP DC/DC Converters
MG800RW MPD-MG800RW Datasheet
672Kb / 3P
Compact, 8W 2:1 Input, MiniDIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com