Electronic Components Datasheet Search
  English  ▼

X  

SN74HC74DB Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74HC74DB
Description  DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC74DB Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC74DB Datasheet HTML 1Page - Texas Instruments SN74HC74DB Datasheet HTML 2Page - Texas Instruments SN74HC74DB Datasheet HTML 3Page - Texas Instruments SN74HC74DB Datasheet HTML 4Page - Texas Instruments SN74HC74DB Datasheet HTML 5Page - Texas Instruments SN74HC74DB Datasheet HTML 6Page - Texas Instruments SN74HC74DB Datasheet HTML 7Page - Texas Instruments SN74HC74DB Datasheet HTML 8Page - Texas Instruments SN74HC74DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54HC74, SN74HC74
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS
WITH CLEAR AND PRESET
SCLS094D – DECEMBER 1982 – REVISED JULY 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC74
SN74HC74
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
4.2
5
fclock
Clock frequency
4.5 V
31
21
25
MHz
6 V
0
36
0
25
0
29
2 V
100
150
125
PRE or CLR low
4.5 V
20
30
25
t
Pulse duration
6 V
17
25
21
ns
tw
Pulse duration
2 V
80
120
100
ns
CLK high or low
4.5 V
16
24
20
6 V
14
20
17
↑
2 V
100
150
125
↑
Data
4.5 V
20
30
25
t
Setup time before CLK
↑
6 V
17
25
21
ns
tsu
Setup time before CLK
↑
2 V
25
40
30
ns
PRE or CLR inactive
4.5 V
5
8
6
6 V
4
7
5
↑
2 V
0
0
0
th
Hold time, data after CLK
↑
4.5 V
0
0
0
ns
6 V
0
0
0
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC74
SN74HC74
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
10
4.2
5
fmax
4.5 V
31
50
21
25
MHz
6 V
36
60
25
29
2 V
70
230
345
290
PRE or CLR
Q or Q
4.5 V
20
46
69
58
t d
6 V
15
39
59
49
ns
tpd
2 V
70
175
250
220
ns
CLK
Q or Q
4.5 V
20
35
50
44
6 V
15
30
42
37
2 V
28
75
110
95
tt
Q or Q
4.5 V
8
15
22
19
ns
6 V
6
13
19
16
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per flip-flop
No load
35
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com