Electronic Components Datasheet Search
  English  ▼

X  

LF200D Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LF200D
Description  Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF200D Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LF200D Datasheet HTML 1Page - MicroPower Direct, LLC LF200D Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 2W Output Power
• Ultra-Miniature SMT Case
• 1,000 VDC Isolation
• 5V, 12 & 24V Inputs
• -40ºC to +85ºC Operation
• 7 Standard Models
• 2.0 MH MTBF Minimum
• Industry Standard Pin-Out
LF200D
Ultra-Miniature, 2W
Dual Output SMT
DC/DC Converters
Series
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Reverse Polarity Input Current
0.3
A
Input Filter
Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.5
±4.0
%
Output Voltage Balance
Dual Output, Balanced Load
±0.1
±1.0
%
Line Regulation
For Vin Change of 1%
±1.2
±1.5
%
Load Regulation (Note 1)
See Model Selection Guide
Ripple & Noise (20 MHz) (Note 2)
50
75
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
150
mV P - P
Ripple & Noise (20 MHz)
5
mv rms
Output Power Protection
120
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
500 VDC
10
GΩ
Isolation Capacitance
100 kHz, 1V
60
100
pF
Switching Frequency
70
100
120
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Operating Temperature Range
Case
-40
+90
ºC
Storage Temperature Range
-40
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.60 x 0.36 x 0.34 Inches (15.3 x 9.3 x 8.7 mm)
Case Material
Molding (UL94-V0)
Weight
0.07 Oz (2.2g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
2.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
24 VDC Input
-0.7
30.0
Lead Temperature
1.5 mm From Case For 10 Sec.
300
ºC
Internal Power Dissipation
All Models
650
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
RoHS Compliant
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - LF200D

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF200D MPD-LF200D_14 Datasheet
270Kb / 2P
LF200D SERIES
More results

Similar Description - LF200D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
MSAU400 MINMAX-MSAU400 Datasheet
205Kb / 6P
2W, Miniature SMD, Single & Dual Output DC/DC Converters
MSLU400 MINMAX-MSLU400 Datasheet
188Kb / 7P
2W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
LF100D MPD-LF100D Datasheet
542Kb / 4P
Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
Ultra-Miniature, 2W Single Output SMT DC/DC Converters
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
2W, Single Output Ultra-Miniature SMT DC/DC Converters
ML200SEI MPD-ML200SEI Datasheet
579Kb / 2P
2W, High Isolation Ultra-Miniature SMT DC/DC Converters
ML200X MPD-ML200X Datasheet
1Mb / 5P
Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com