Electronic Components Datasheet Search
  English  ▼

X  

HC7032 Datasheet(PDF) 1 Page - Texas Instruments

Part # HC7032
Description  QUADRUPLE POSITIVE-OR GATES WITH SCHMITT-TRIGGER INPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC7032 Datasheet(HTML) 1 Page - Texas Instruments

  HC7032 Datasheet HTML 1Page - Texas Instruments HC7032 Datasheet HTML 2Page - Texas Instruments HC7032 Datasheet HTML 3Page - Texas Instruments HC7032 Datasheet HTML 4Page - Texas Instruments HC7032 Datasheet HTML 5Page - Texas Instruments HC7032 Datasheet HTML 6Page - Texas Instruments HC7032 Datasheet HTML 7Page - Texas Instruments HC7032 Datasheet HTML 8Page - Texas Instruments HC7032 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN54HC7032, SN74HC7032
QUADRUPLE POSITIVEOR GATES
WITH SCHMITT TRIGGER INPUTS
SCLS036E − MARCH 1984 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Operation From Very Slow Input
Transitions
D Same Pinouts as ’HC32
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 14 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Temperature-Compensated Threshold
Levels
D High Noise Immunity
description/ordering information
In these devices, each circuit functions as a
quadruple OR gate. They perform the Boolean
function
Y
+ A • B or Y + A ) B in positive
logic. However, because of the Schmitt action, the
inputs have different input threshold levels for
positive- and negative-going signals.
These circuits are temperature compensated and
can be triggered from the slowest of input ramps
and still give clean jitter-free output signals.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC7032N
SN74HC7032N
Tube of 50
SN74HC7032D
−40
°C to 85°C
SOIC − D
Reel of 2500
SN74HC7032DR
HC7032
−40 C to 85 C
SOIC − D
Reel of 250
SN74HC7032DT
HC7032
SOP − NS
Reel of 2000
SN74HC7032NSR
HC7032
CDIP − J
Tube of 25
SNJ54HC7032J
SNJ54HC7032J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC7032W
SNJ54HC7032W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC7032FK
SNJ54HC7032FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
X
H
X
HH
L
L
L
Copyright
 2004, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54HC7032 ...J OR W PACKAGE
SN74HC7032 . . . D, N, OR NS PACKAGE
(TOP VIEW)
SN54HC7032 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B


Similar Part No. - HC7032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC7001 TI-HC7001 Datasheet
313Kb / 9P
QUADRUPLE POSITIVE-AND GATES WITH SCHMITT-TRIGGER INPUTS
HC7002 TI-HC7002 Datasheet
335Kb / 11P
QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
logo
auris-GmbH
HC7050 AURIS-HC7050 Datasheet
99Kb / 1P
Quartz SMD, Ceramic
HC7050 AURIS-HC7050 Datasheet
296Kb / 1P
Quartz SMD, Ceramic
HC7050/2 AURIS-HC7050/2 Datasheet
296Kb / 1P
Quartz SMD, Ceramic
More results

Similar Description - HC7032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC7002 TI-SN54HC7002_06 Datasheet
335Kb / 11P
QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54HC7032 TI1-SN54HC7032_14 Datasheet
604Kb / 12P
QUADRUPLE POSITIVE-OR GATES WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com