Electronic Components Datasheet Search
  English  ▼

X  

SP0560S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP0560S
Description  5.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP0560S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP0560S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP0560S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
TYP
For capacitive load, derate current by 20%.
E NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Curren
t
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I = 5 Amps,T = 25 C, per leg)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
0.
20
10
V
V
A
A
V
mA
pF
Typical Thermal Resistance
(Note 2)
4.0
-50
+150
-65
+175
Operating
Storage Temperature Range
Temperature Range
C
C
C/W
S
P0560S
60
60
60
130
F
F
Maximum Instantaneous Forward Voltage (I = 5 Amps,T = 125 C, per leg)
F
F
550
0.
55
0.
65
~
~
SYMBOL
o
o
o
R
θJA
Voltage Rate Of Chance (Rated VR)
VRRM
VRSM
VDC
5
IF
IFSM
VF
IR
CJ
dv/dt
10000
TJ
TSTG
V/us
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams(Approximately)
Any changing of specification will not be informed individual
S
P0560S
VOLTAGE
60V
5.0AMP Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
I
TO-220A
Dimensions in millimeters
2.8 0.3
4.5 0.2
0.5 0.2
2.6 0.2
5.08 0.2
0.7 0.2
.
1.3 0.2
10 0.5
3.2
0.2
0.1
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SP0560S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP05 LITTELFUSE-SP05 Datasheet
373Kb / 9P
30pF 30kV Unidirectional TVS Array
SP05 LITTELFUSE-SP05 Datasheet
1Mb / 9P
30pF 30kV Unidirectional TVS Array
logo
Tyco Electronics
SP050100WE10 MACOM-SP050100WE10 Datasheet
5Mb / 85P
tyco electronics contents
SP050143WE10 MACOM-SP050143WE10 Datasheet
5Mb / 85P
tyco electronics contents
logo
Littelfuse
SP0501BACT LITTELFUSE-SP0501BACT Datasheet
186Kb / 3P
TVS Diode Arrays - TVS Avalanche Diode in a Chip Scale Package
More results

Similar Description - SP0560S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR5200S SECOS-SDR5200S Datasheet
715Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SM540A SECOS-SM540A Datasheet
236Kb / 2P
5.0Amp Schottky Barrier Rectifiers
SM560A SECOS-SM560A Datasheet
339Kb / 2P
5.0Amp Schottky Barrier Rectifiers
SR520 SECOS-SR520 Datasheet
215Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SM5100B SECOS-SM5100B Datasheet
561Kb / 2P
5.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB5150 CYSTEKEC-SB5150 Datasheet
519Kb / 3P
5.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SDR5100S SECOS-SDR5100S_15 Datasheet
415Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SDR5100SF SECOS-SDR5100SF_15 Datasheet
383Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SDR5200SF SECOS-SDR5200SF_15 Datasheet
701Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SR5150S SECOS-SR5150S_15 Datasheet
125Kb / 2P
5.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com