Electronic Components Datasheet Search
  English  ▼

X  

SP10150 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP10150
Description  10.0 Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP10150 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP10150 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP10150 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SP10150
VOLTAGE 150 V
10.0 Amp Schottky Barrier Rectifiers
01-Nov-2008 Rev. E
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
2
3
ITO-220
Dimensions in millimeters
A
M
J
K
L
L
G
F
B
N
D
E
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 1.98 grams (approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
TYPE NUMBER
SYMBOL
SP10150
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
150
V
Working Peak Reverse Voltage
VRSM
150
V
Maximum DC Blocking Voltage
VDC
150
V
Maximum Average Forward Rectified Current
Per Leg
Per Device
IF
5
10
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
130
A
Maximum Instantaneous
Forward Voltage
IF = 5 A, TA = 25°C, per leg
IF = 5 A, TA = 125°C, per leg
VF
0.86
0.75
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=25°C
TA=125°C
IR
0.03
8
mA
Typical Junction Capacitance (Note 1)
CJ
350
pF
Typical Thermal Resistance (Note 2)
RθJA
4.5
°C /W
Voltage Rate Of Chance (Rated VR)
dv / dt
10000
V /
μs
Operating Temperature Range TJ
TJ
-50 ~ +150
°C
Storage Temperature Range TSTG
TSTG
-65 ~ +175
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2.
Thermal Resistance Junction to Case.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
15.00
15.60
H
3.00
3.80
B
9.50
10.50
J
0.90
1.50
C
13.00 Min
K
0.50
0.90
D
4.30
4.70
L
2.34
2.74
E
2.50
3.10
M
2.50
2.90
F
2.40
2.80
N
φ 3.1
φ 3.4
G
0.30
0.70


Similar Part No. - SP10150

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP10150 SECOS-SP10150 Datasheet
145Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SP10150 JINGHENG-SP10150 Datasheet
495Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SP10150 SHUNYE-SP10150 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
PACELEADER INDUSTRIAL
SP10150C PACELEADER-SP10150C Datasheet
446Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Gaomi Xinghe Electronic...
SP10150L GXELECTRONICS-SP10150L Datasheet
572Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SP10150

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
MBR10150F SECOS-MBR10150F_15 Datasheet
85Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_15 Datasheet
251Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SBR10250F SECOS-SBR10250F_15 Datasheet
160Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SK1045CL SECOS-SK1045CL_15 Datasheet
206Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_15 Datasheet
210Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF1040-40V-ITO-220AC DGNJDZ-SRF1040-40V-ITO-220AC Datasheet
202Kb / 2P
10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM1045DS1 SECOS-SM1045DS1 Datasheet
335Kb / 2P
10.0 Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com