Electronic Components Datasheet Search
  English  ▼

X  

BAV23 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAV23
Description  SURFACE MOUNT SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAV23 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAV23 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAV23 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 04/07/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BAV23 / SE / CC / CA
SURFACE MOUNT SWITCHING DIODES
BAV23SE Marking Code: PY
BAV23CC Marking Code: PZ
BAV23CA Marking Code: RA
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Maximum Repetitive Reverse Voltage
VRRM
250
V
Reverse Voltage
VR
200
V
Forward Current
IF
400
mA
Repetitive Peak Forward Current
IFRM
625
mA
Non-repetitive Peak Forward Surge Current at t = 1 µs
at t = 100 µs
at t = 10 ms
IFSM
9
3
1.7
A
Power Dissipation
PD
350
mW
Thermal Resistance Junction to Ambient Air
RθJA
357
O
C/W
Operating Junction and Storage Temperature Range
Tj, TS
- 65 to + 150
O
C
Electrical Characteristics (Ta = 25 OC unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Reverse Breakdown Voltage
at IR = 100 µA
V(BR)R
250
-
V
Forward Voltage
at IF = 100 mA
at IF = 200 mA
VF
-
-
1
1.25
V
Reverse Current
at VR = 200 V, Tj = 25 OC
at VR = 200 V, Tj = 150 OC
IR
-
-
100
100
nA
µA
Total Capacitance
at VR = 0 V, f = 1 MHz
CT
-
5
pF
Reverse Recovery Time
at IF = IR = 30 mA, Irr = 0.1 X IR, RL = 100 Ω
trr
-
50
ns
1
3
2
3
1
2
1
3
2
2
1
3
BAV23
BAV23SE
BAV23CC
BAV23CA
SOT-23 Plastic Package


Similar Part No. - BAV23

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV23 PHILIPS-BAV23 Datasheet
34Kb / 7P
General purpose double diode
1996 Sep 17
logo
Guangdong Kexin Industr...
BAV23 KEXIN-BAV23 Datasheet
41Kb / 2P
General Purpose Double Diode
logo
SeCoS Halbleitertechnol...
BAV23 SECOS-BAV23 Datasheet
393Kb / 2P
Plastic Encapsulated Schottky Diode
logo
NXP Semiconductors
BAV23 NXP-BAV23 Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Shenzhen Luguang Electr...
BAV23 LUGUANG-BAV23 Datasheet
2Mb / 4P
Surface mount switching diode
More results

Similar Description - BAV23

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com