Electronic Components Datasheet Search
  English  ▼

X  

BA591WS Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BA591WS
Description  BAND SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BA591WS Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BA591WS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BA591WS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BA591WS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 01/09/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BA591WS
BAND SWITCHING DIODE
Features
• Very small plastic SMD package
• Low diode capacitance
• Low diode forward resistance
• Small inductance
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Continuous Reverse Voltage
VR
35
V
Continuous Forward Current
IF
100
mA
Power Dissipation
Ptot
500
mW
Operating Junction Temperature Range
TJ
- 65 to + 150
O
C
Storage Temperature Range
Ts
- 65 to + 150
O
C
Electrical Characteristics at Ta = 25 OC
Parameter
Symbol
Typ.
Max.
Unit
Forward Voltage
at IF = 10 mA
VF
-
1
V
Reverse Current
at VR = 20 V
IR
-
20
nA
Diode Capacitance
at VR = 1 V, f = 1 MHz
at VR = 3 V, f = 1 MHz
CD
-
-
1.05
0.9
pF
Diode Forward Resistance
at IF = 3 mA, f = 100 MHz
at IF = 10 mA, f = 100 MHz
rD
-
-
0.7
0.5
Ω
Reverse Resistance
at VR = 1 V, f = 100 MHz
1/gp
100
-
KΩ
Series Inductance
Ls
2
-
nH
Anode
2
Top View
Marking Code: "WL"
Simplified outline SOD-323 and symbol
1
WL
2
PINNING
1
PIN
Cathode
DESCRIPTION


Similar Part No. - BA591WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA591 PHILIPS-BA591 Datasheet
52Kb / 8P
Band-switching diode
1998 Aug 31
logo
Guangdong Kexin Industr...
BA591 KEXIN-BA591 Datasheet
34Kb / 1P
Band-switching diode
logo
NXP Semiconductors
BA591 NXP-BA591 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Rohm
BA5912 ROHM-BA5912 Datasheet
127Kb / 8P
2-channel BTL driver for CD players
BA5912AFP-Y ROHM-BA5912AFP-Y Datasheet
127Kb / 8P
2-channel BTL driver for CD players
More results

Similar Description - BA591WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
Band-switching diode
1998 May 08
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
Band-switching diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
Band switching diode
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
BAND SWITCHING DIODE
logo
Rohm
1SS356 ROHM-1SS356_11 Datasheet
257Kb / 4P
Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
Band Switching Diode
logo
NXP Semiconductors
BA891_N_15 PHILIPS-BA891_N_15_15 Datasheet
243Kb / 6P
Band-switching diode
Rev. 04-8 January 2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com