Electronic Components Datasheet Search
  English  ▼

X  

SP30150R Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP30150R
Description  30.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP30150R Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP30150R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP30150R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
-50
+150
-65
+175
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I = 15 Amps,T = 25 C)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
30
0.03
10
V
V
A
A
V
mA
mA
pF
Typical Thermal Resistance R JC (Note 2)
2.0
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
SP30150R
150
150
150
250
F
A
A
Maximum Instantaneous Forward Voltage (I = 15 Amps,T = 125 C)
F
350
0.72
0.86
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams(Approximately)
Any changing of specification will not be informed individual
SP30150R
VOLTAGE 150V
30.0AMP Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
θ
2.8 0.3
4.5 0.2
0.5 0.2
2.6 0.2
2.54 0.2
0.7 0.2
2.54 0.2
1.3 0.2
10 0.5
3.2
0.2
0.1
PIN 1
PIN 3
PIN 2
CASE
ITO-220
Dimensions in millimeters
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SP30150R

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SP301 BURR-BROWN-SP301 Datasheet
199Kb / 16P
12-Bit, 12MHz CCD/CIS SIGNAL PROCESSOR
logo
Sipex Corporation
SP301 SIPEX-SP301 Datasheet
186Kb / 18P
RS-232/RS-422 Line Drivers/Receivers
logo
Littelfuse
SP3010 LITTELFUSE-SP3010 Datasheet
267Kb / 5P
Ultra-Low Capacitance Diode Array for ESD Protection
SP3010 LITTELFUSE-SP3010 Datasheet
285Kb / 4P
SP3010 Series 0.45pF Rail Clamp Array
SP3010-04UTG LITTELFUSE-SP3010-04UTG Datasheet
267Kb / 5P
Ultra-Low Capacitance Diode Array for ESD Protection
More results

Similar Description - SP30150R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP3020R SECOS-SP3020R Datasheet
287Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR3020R SECOS-SR3020R Datasheet
207Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR30150R SECOS-SR30150R Datasheet
145Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR30200 SECOS-SR30200 Datasheet
209Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3040RF SECOS-SBR3040RF_10 Datasheet
558Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF Datasheet
792Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3060RF SECOS-SBR3060RF_10 Datasheet
594Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR30150R SECOS-SBR30150R_09 Datasheet
396Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3040RF SECOS-SBR3040RF_15 Datasheet
558Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF_15 Datasheet
792Kb / 2P
30.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com