Electronic Components Datasheet Search
  English  ▼

X  

SPWLM386D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SPWLM386D
Description  Low Voltage Audio Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPWLM386D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SPWLM386D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPWLM386D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPWLM386D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPWLM386D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SPWLM386D Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SPWLM386D Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Elektronische Bauelemente
SPWLM386D
Low Voltage Audio Power
Amplifier
* Wide Supply Voltage Range: 4V~12V
* Low Quiescent Current Drain: 4mA
* Voltage Gains: 20~200
* Low Distortion: 0.2% ( Av=20, Vs=6V, RL=8
, Po=125mW, f=1 kHz)
* Self-Centering Output Quiescent Voltage
* Battery Operation
* Minimum External Parts
* Ground Referenced Input
Features
The SPWLM386D is a power amplifier, designed for use in low
voltage consumer applications. The gain is internally set to 20
to keep external part count low, but the addittion of an external
resistor and capacitor between pin 1 and pin 8 will increase the
gain to any value up from 20 to 200. The input are ground
referenced while the output automatically biases to one-half the
supply voltage. The quiescent power drain is only 24 millwatts
when operating from a 6 voltage supply, marking the SPWLM386D
ideal for battery operation.
* Small Servo Drivers
* Power Converters
* Intercoms
* Ultrasonic Drivers
* AM-FM Radio Amplifiers
* Portable Tape Player Amplifiers
* TV sound Systems
* Line Drivers
Applications
Description
01-Jun-2002 Rev. A
Page 1 of 6
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
SEATING PLANE
e
b
Z
Z
D
SECTION Z - Z
b
GAUGE PLANE
DIP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
0.5334
c1
0.203
0.279
A1
0.381
-
D
9.017
10.16
A2
2.921
4.953
E
6.096
7.112
b
0.356
0.559
E1
7.620
8.255
b1
0.356
0.508
e
2.540 BSC
b2
1.143
1.778
HE
-
10.92
b3
0.762
1.143
L
2.921
3.810
c
0.203
0.356
rogrammed by
pacitor CT to ground .Operation 500kHz
nts up to
This is the reference output .It provides charging current for capacitor CT
Ω
Equivalent Schematic and Connection Diagram


Similar Part No. - SPWLM386D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPWLM358D SECOS-SPWLM358D Datasheet
760Kb / 4P
Dual Operational Amplifier
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
More results

Similar Description - SPWLM386D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
140Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386 UTC-LM386_11 Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM386D TGS-LM386D Datasheet
1Mb / 6P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com