Electronic Components Datasheet Search
  English  ▼

X  

SPWLM393S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SPWLM393S
Description  Dual Differential Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPWLM393S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SPWLM393S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPWLM393S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPWLM393S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPWLM393S Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SPWLM393S
Comparator
Dual Differential
* Low Input Bias Current Ibias=25nA(Typ.)
Output Compatible With TTL, DTL, and CMOS Logic System
* Low Supply Current Drain ICC=0.8mA(Typ.)
* Single Or Dual Supply Operation
* Wide Operating Supply Range (VCC=2V~36V or 1 to 18V)
Input Common-Mode Voltage Range Includes Ground
Features
*
*
The SPWLM393S consists of two independent voltage comparators,
designed specifically to operate from a single power over a wide
voltage range.
Description
01-Jun-2002 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
rogrammed by
pacitor CT to ground .Operation 500kHz
nts up to
This is the reference output .It provides charging current for capacitor CT
±
±
Pin Configurations
Block Diagram
SOP-8
0.25
Dimensions in millimeters
6.20
5.80
1.27 Typ.
0.35
0.49
4.80
5.00
0
0.10 0.25
1.35
1.75
0.40
0.90
0.19
0.25
3.80
4.00
0.375 REF
o
8
o
45
o


Similar Part No. - SPWLM393S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
More results

Similar Description - SPWLM393S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
Dual Differential Comparator
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_10 Datasheet
164Kb / 6P
DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
DUAL DIFFERENTIAL COMPARATOR
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com