Electronic Components Datasheet Search
  English  ▼

X  

MPA321 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPA321
Description  Smallest 1U Height, 320W, Active PFC Single Output AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPA321 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPA321 Datasheet HTML 1Page - MicroPower Direct, LLC MPA321 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPA321Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Universal
90
264
VAC
Input Frequency
47
63
Hz
Input Current, Full Load
90 VAC
6
A
Inrush Current, Cold Start
110 VAC
30
A
220 VAC
70
Leakage Current
240 VAC
3.5
mA
Power Factor Correction
Meets EN61000-3-2 Class D
Input Protection
T6A/250V Fuse
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Adjustment
By Trim Pot
±5.0
%
Output Regulation (Note 1)
±1.0
%
Hold Time
110 VAC, 80% Load
20
mSec
Ripple & Noise (20 MHz) (Note 2)
See Model Selection Guide
Overload Protection
Foldback (Autorecovery)
110
140
%
Over Voltage Protection
>130% of Rated Output Voltage. Recycle AC Input.
Over Temperature Protection
Operating Ambient (Autorecovery)
90
100
ºC
Temperature Coefficient
±0.04
%/ºC
Transient Recovery Time (Note 3)
50% Load Change
2.5
mS
Transient Response Deviation
5
%
Overshoot/Undershoot
At Turn On/Off
5.0
%
Turn On Delay
120 VAC
1
S
Output Short Circuit
Continuous With Autorecovery
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage (Note 4)
Input - Output
3,000
VAC
Input - FG (Frame Ground)
1,500
Primary - Core
1,500
Switching Frequency
Fixed
23
kHz
Interface Signals
Power Supply On
Green LED (LED1) on the PCB
Power Good Signal
PG on CN1. Goes TTL high 100 to 500 mS after regulation. Goes low at
least 1 mS before the loss of regulation. Will sink 100 mA.
Fan Fail
FF on pin 3 of CN1. Open collector output rated for 15 VDC/5 mA sink
current maximum. Goes high if a fan failure is detected
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
0
+25
+50
ºC
Output Derating
2.5%/ ºC from +50 ºC to + 70 ºC
Storage Temperature Range
-20
+85
ºC
Cooling
See Model Selection Guide
Operating Humidity
RH, Non-condensing
90
%
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 30ºC, Gnd Benign
100
kHours
Safety Standards
UL 60950; CSA C22.2 No. 60950; TUV EN60950; CB Report (IEC 60950)
EEMI Compliance
Compliance to EN55022 (CISPR22) Class B; EN61000-3-2,3
EMS Immunity Compliance
EN6100-4-2,3,4,5,6,8,11; EN55024,; CE Marked (LVD)
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Only
6 x 4 x 1.5
Inches!!
Smallest 1U Height,
320W, Active PFC
Single Output
AC/DC Power Supplies
Key Features:
• Smallest 1U 320W Supply
• PFC to EN61000-3-2 “D”
• UL, cUL, TUV Approvals
• CE Certified
• FCC Class B Emissions
• 2 - 60 V Output Voltages
• Universal 90-264 VAC Input
• 700W Peak Power
• Four Mechanical Options
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - MPA321

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA320 MPD-MPA320 Datasheet
399Kb / 2P
Smallest 1U 320W Single Output Power Factor Corrected AC/DC Power Supplies
MPA320X-05Z MPD-MPA320X-05Z Datasheet
399Kb / 2P
Smallest 1U 320W Single Output Power Factor Corrected AC/DC Power Supplies
MPA320X-09Z MPD-MPA320X-09Z Datasheet
399Kb / 2P
Smallest 1U 320W Single Output Power Factor Corrected AC/DC Power Supplies
MPA320X-12Z MPD-MPA320X-12Z Datasheet
399Kb / 2P
Smallest 1U 320W Single Output Power Factor Corrected AC/DC Power Supplies
MPA320X-15Z MPD-MPA320X-15Z Datasheet
399Kb / 2P
Smallest 1U 320W Single Output Power Factor Corrected AC/DC Power Supplies
More results

Similar Description - MPA321

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-320 ASTRODYNE-SP-320 Datasheet
295Kb / 2P
320W Single Output with PFC Function
logo
Wall Industries,Inc.
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
Active PFC 300 Watt Single Output AC/DC Switching Power Supply
logo
MicroPower Direct, LLC
MPA250 MPD-MPA250 Datasheet
366Kb / 2P
Smallest 1U 250W Single Output Power Factor Corrected AC/DC Power Supplies
MPA300D MPD-MPA300D Datasheet
403Kb / 2P
Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
MPA301D MPD-MPA301D Datasheet
405Kb / 2P
Smallest 1U Height 300W, Active PFC Dual Output AC/DC Power Supplies
MPA320 MPD-MPA320 Datasheet
399Kb / 2P
Smallest 1U 320W Single Output Power Factor Corrected AC/DC Power Supplies
MPE-320S MPD-MPE-320S Datasheet
265Kb / 2P
Single Output, 320W Compact, Enclosed AC/DC Power Supplies
logo
RSG Electronic Componen...
SP-320 RSG-SP-320 Datasheet
133Kb / 2P
320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
320W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com