Electronic Components Datasheet Search
  English  ▼

X  

SQ2133 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SQ2133
Description  CMOS Positive Voltage Regula tor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SQ2133 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SQ2133 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SQ2133 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SQ2133 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SQ2133 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SQ2133 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SQ2133 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SQ2133 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
01-Jun-2002 Rev. A
Page
3 of 7
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SQ2133-12
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
SQ2133-18
SQ2133-25
SQ2133-28
SQ2133-30
SQ2133-32
SQ2133-34
SQ2133-36
3C122
1.2V
1.8V
2.5V
2.8V
3.0V
3.2V
3.4V
3.6V
SQ2133-15
SQ2133-20
SQ2133-27
SQ2133-29
SQ2133-31
SQ2133-33
SQ2133-35
SQ2133-37
1.5V
2.0V
2.7V
2.9V
3.1V
3.3V
3.5V
3.7V
XXXX
3C182
XXXX
3C252
XXXX
3C282
XXXX
3C302
XXXX
3C322
XXXX
3C342
XXXX
3C362
XXXX
3C152
XXXX
3C202
XXXX
3C272
XXXX
3C292
XXXX
3C312
XXXX
3C332
XXXX
3C352
XXXX
3C372
XXXX
SQ2133-38
3.8V
SQ2133-2H
2.85V
3C382
XXXX
3C2H2
XXXX
Ordering Information(contd.)
SQ2133
CMOS Positive
Voltage Regulator
Characteristics Curve
Note 1: VOUT (E) =Effective Output Voltage (i.e. the output voltage when "VOUT (T) +2.0V" is provided at the VIN pin while maintaining a
certain IOUT value).
2: VOUT (T) =Specified Output Voltage
3: VIN (MIN) =VOUT+VDROPOUT
4: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be applied before
a current source load is applied.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com