Electronic Components Datasheet Search
  English  ▼

X  

SQ2153 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SQ2153
Description  CMOS Positive Voltage Regula tor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SQ2153 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SQ2153 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SQ2153 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SQ2153 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SQ2153 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SQ2153 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SQ2153 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SQ2153 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
SQ2153
CMOS Positive
Voltage Regulator
* Factory Pre-set Output Voltage
Features
* High Accurate
* Over-Temperature Shutdown
± 1.5%
* Very Low Dropout Voltage
*
Noise Reduction Bypass Capacitor
* Short Circuit Current Fold-back
* Guaranteed 300mA output
* Current Limiting
* Portable Electronics
Applications
* PC Peripherals
* Wireless Devices
* Battery Powered Widgets
* Electronic Scales
* Instrumentation
* Cordless Phones
and Current Fold-back to prevent device failure under the "Worst" of
operating conditions. In applications requiring a low noise, regulated supply,
place a 1000pF capacitor between Bypass and Ground. The SQ2153 is
stable with an output capacitance of 2.2µF or greater.
01-Jun-2002 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Typical Application Circuit
Functional Block Diagram
REF.
Min.
Max.
REF.
Millimeter
A
2.70
3.10
G
1.90 REF.
B
2.60
3.00
H
1.20 REF.
C
1.40
1.80
I
0.12 REF.
D
0.30
0.55
J
0.37 REF.
E
0
0.10
K
0.60 REF.
F
0°
10°
L
0.95 REF.
Dimensions
Millimeter
*
Power-Saving Shutdown Mode
SQ2153
IN
OUT
BYP
GND
EN
OUT
IN
+ C1
C3
1uF
2.2uF
C2
1000pF
Description
The SQ2153 series of positive,linear regulators feature low quiescent
current (30µA typ.) with low dropout voltage, making them ideal
f
or battery applications. These rugged devices have both Thermal Shutdown,


Similar Part No. - SQ2153

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SQ2113 SECOS-SQ2113 Datasheet
958Kb / 5P
CMOS Positive Voltage Regula tor
SQ2123 SECOS-SQ2123 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SQ2131 SECOS-SQ2131 Datasheet
1,002Kb / 5P
CMOS Positive Voltage Regula tor
SQ2133 SECOS-SQ2133 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SQ2143 SECOS-SQ2143 Datasheet
1Mb / 8P
CMOS Positive Voltage Regula tor
More results

Similar Description - SQ2153

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5M2163 SECOS-S5M2163 Datasheet
957Kb / 7P
CMOS Positive Voltage Regula tor
S62VP SECOS-S62VP Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
S2113 SECOS-S2113 Datasheet
638Kb / 5P
CMOS Positive Voltage Regula tor
SN2133 SECOS-SN2133 Datasheet
587Kb / 5P
CMOS Positive Voltage Regula tor
SQ2113 SECOS-SQ2113 Datasheet
958Kb / 5P
CMOS Positive Voltage Regula tor
SQ2131 SECOS-SQ2131 Datasheet
1,002Kb / 5P
CMOS Positive Voltage Regula tor
SQ2143 SECOS-SQ2143 Datasheet
1Mb / 8P
CMOS Positive Voltage Regula tor
SQ2163 SECOS-SQ2163 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SQ2181 SECOS-SQ2181 Datasheet
1Mb / 5P
CMOS Positive Voltage Regula tor
ST2123 SECOS-ST2123 Datasheet
1Mb / 8P
CMOS Positive Voltage Regula tor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com