Electronic Components Datasheet Search
  English  ▼

X  

SQ2163 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SQ2163
Description  CMOS Positive Voltage Regula tor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SQ2163 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SQ2163 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SQ2163 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SQ2163 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SQ2163 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SQ2163 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SQ2163 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SQ2163 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
01-Jun-2002 Rev. A
Page
3 of 7
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SQ2163-15
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
SQ2163-20
SQ2163-27
SQ2163-28
SQ2163-30
SQ2163-33
SQ2163-35
SQ2163-37
3F152
1.5V
2.0V
2.7V
2.8V
3.0V
3.3V
3.5V
3.7V
SQ2163-18
SQ2163-25
SQ2163-2H
SQ2163-29
SQ2163-31
SQ2163-34
SQ2163-36
1.8V
2.5V
2.85V
2.9V
3.1V
3.4V
3.6V
XXXX
3F202
XXXX
3F272
XXXX
3F282
XXXX
3F302
XXXX
3F332
XXXX
3F352
XXXX
3F372
XXXX
3F182
XXXX
3F252
XXXX
3F2H2
XXXX
3F292
XXXX
3F312
XXXX
3F342
XXXX
3F362
XXXX
Ordering Information(contd.)
SQ2163-50
5.0V
3F502
XXXX
SQ2163-38
3.8V
3F382
XXXX
SQ2163
CMOS Positive
Voltage Regulator
Characteristics Curve
Note 1: VOUT (E) =Effective Output Voltage (i.e. the output voltage when "VOUT (T) +2.0V" is provided at the VIN pin while maintaining a
certain IOUT value).
2: VOUT (T) =Specified Output Voltage
3: VIN (MIN) =VOUT+VDROPOUT
4: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be applied before
a current source load is applied.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com