Electronic Components Datasheet Search
  English  ▼

X  

SQ2181 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SQ2181
Description  CMOS Positive Voltage Regula tor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SQ2181 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SQ2181 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SQ2181 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SQ2181 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SQ2181 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SQ2181 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
SQ2181
CMOS Positive
Voltage Regulator
* Excellent PSRR Type 70 dB
* Over-Temperature Shutdown
* Very Low Dropout Voltage
* Factor Pre-set Output Voltage
* Short Circuit Current Fold-back
* Guaranteed 150mA output
* Current Limiting
* Portable Electronics
Applications
* PC Peripherals
* Wireless Devices
* Battery Powered Widgets
* Electronic Scales
* Instrumentation
* Cordless Phones
Dimensions
Millimeter
* Power-Saving Shutdown Mode
Features
have both Thermal Shutdown, and Current Fold-back to prevent device failure
under the "Worst" ofoperating conditions. As an additional feature, the SQ2181
is stable with an output capacitance of 2.2µF or greater.
Description
The SQ2181 of positive, linear requlator feature low quiescent current (50 µA
typ.) with low dropout voltage and excellent PSRR, thus making them ideal for
f
or Telecommunications and other battery applications. These rugged devices
01-Jun-2002 Rev. A
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Typical Application Circuit
Functional Block Diagram
REF.
Min.
Max.
REF.
Millimeter
A
2.70
3.10
G
1.90 REF.
B
2.60
3.00
H
1.20 REF.
C
1.40
1.80
I
0.12 REF.
D
0.30
0.55
J
0.37 REF.
E
0
0.10
K
0.60 REF.
F
0°
10°
L
0.95 REF.
SQ2181
*
Noise Reduction Bypass Capacitor
*
Cameras
*
Telecommunications
* C
ellular Phones


Similar Part No. - SQ2181

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SQ2113 SECOS-SQ2113 Datasheet
958Kb / 5P
CMOS Positive Voltage Regula tor
SQ2123 SECOS-SQ2123 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SQ2131 SECOS-SQ2131 Datasheet
1,002Kb / 5P
CMOS Positive Voltage Regula tor
SQ2133 SECOS-SQ2133 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SQ2143 SECOS-SQ2143 Datasheet
1Mb / 8P
CMOS Positive Voltage Regula tor
More results

Similar Description - SQ2181

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5M2163 SECOS-S5M2163 Datasheet
957Kb / 7P
CMOS Positive Voltage Regula tor
S62VP SECOS-S62VP Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
S2113 SECOS-S2113 Datasheet
638Kb / 5P
CMOS Positive Voltage Regula tor
SN2133 SECOS-SN2133 Datasheet
587Kb / 5P
CMOS Positive Voltage Regula tor
SQ2113 SECOS-SQ2113 Datasheet
958Kb / 5P
CMOS Positive Voltage Regula tor
SQ2131 SECOS-SQ2131 Datasheet
1,002Kb / 5P
CMOS Positive Voltage Regula tor
SQ2143 SECOS-SQ2143 Datasheet
1Mb / 8P
CMOS Positive Voltage Regula tor
SQ2153 SECOS-SQ2153 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SQ2163 SECOS-SQ2163 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
ST2123 SECOS-ST2123 Datasheet
1Mb / 8P
CMOS Positive Voltage Regula tor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com