Electronic Components Datasheet Search
  English  ▼

X  

HCT02 Datasheet(PDF) 1 Page - Texas Instruments

Part # HCT02
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCT02 Datasheet(HTML) 1 Page - Texas Instruments

  HCT02 Datasheet HTML 1Page - Texas Instruments HCT02 Datasheet HTML 2Page - Texas Instruments HCT02 Datasheet HTML 3Page - Texas Instruments HCT02 Datasheet HTML 4Page - Texas Instruments HCT02 Datasheet HTML 5Page - Texas Instruments HCT02 Datasheet HTML 6Page - Texas Instruments HCT02 Datasheet HTML 7Page - Texas Instruments HCT02 Datasheet HTML 8Page - Texas Instruments HCT02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN54HCT02, SN74HCT02
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCLS065E – NOVEMBER 1988 – REVISED JULY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operating Voltage Range of 4.5 V to 5.5 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 10 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Inputs Are TTL-Voltage Compatible
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1Y
1A
1B
2Y
2A
2B
GND
VCC
4Y
4B
4A
3Y
3B
3A
SN54HCT02 ...J OR W PACKAGE
SN74HCT02 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4B
NC
4A
NC
3Y
1B
NC
2Y
NC
2A
SN54HCT02 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
These devices contain four independent 2-input NOR gates. They perform the Boolean function Y = A
• B or
Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HCT02N
SN74HCT02N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HCT02D
HCT02
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HCT02DR
HCT02
–40 C to 85 C
Reel of 250
SN74HCT02DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HCT02NSR
HCT02
SSOP – DB
Reel of 2000
SN74HCT02DBR
HT02
TSSOP – PW
Tube of 90
SN74HCT02PW
HT02
TSSOP – PW
Reel of 2000
SN74HCT02PWR
HT02
Reel of 250
SN74HCT02PWT
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HCT02J
SNJ54HCT02J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HCT02W
SNJ54HCT02W
LCCC – FK
Tube of 55
SNJ54HCT02FK
SNJ54HCT02FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - HCT02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCT00 TI-HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Kontron
HCT01-0000-10-0 KONTRON-HCT01-0000-10-0 Datasheet
749Kb / 4P
COM HPC/Client module size A with 12th Generation
HCT01-0000-10-0 KONTRON-HCT01-0000-10-0 Datasheet
530Kb / 4P
COM HPC/Client module size A
HCT01-0000-10-0 KONTRON-HCT01-0000-10-0 Datasheet
459Kb / 4P
COM-HPC Client Size C module based on the 12th
logo
System Logic Semiconduc...
HCT04 SLS-HCT04 Datasheet
33Kb / 4P
Hex Inverter(High-Performance Silicon-Gate CMOS)
More results

Similar Description - HCT02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54L02 TI-SN54L02 Datasheet
310Kb / 6P
Quadruple 2-input positive-nor gates
CD54AC02 TI-CD54AC02 Datasheet
480Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com