Electronic Components Datasheet Search
  English  ▼

X  

ML74UL02 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML74UL02
Description  2-input NOR Gate
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML74UL02 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML74UL02 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML74UL02 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML74UL02 Datasheet HTML 3Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. B, Sep 2005
COMS 2-Input NOR Gate
High Speed Operation
: tpd = 2.65ns TYP
Operating Voltage Range : 2V ~ 5.5V
Low Power Consumption : 1µ
µ
µ
µA (max)
■Applications
Palmtops
Digital Equipment
■
General Description
The ML74UL02MRG is a 2-input CMOS NOR gate, manufactured
using silicon gate CMOS fabrication.
CMOS low power circuit operation makes high speed LS-TTL
operations achievable.
With a wave forming buffer connected internally, stabilized output
can be achieved as the circuit offers high noise immunity.
AS the ML74UL02MRG is integrated into mini molded, SOT-23-5
package, high density mounting possible.
■
Features
High Speed Operation
: tpd = 2.6ns TYP
Operating Voltage Range: 2V ~ 5.5V
Low Power Consumption: 1µA (max)
Ultra Small Package
: SOT-23-5
■
Pin Configuration
SOT-23-5 (TOP VIEW)
■
Function
INPUT
OUTPUT
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
H=High level, L=Low level
■
Absolute Maximum Ratings
Ta=-40°C~85°C
PARAMETER
SYMBOL
RATINGS
UNITS
Power Supply Voltage
Vcc
-0.5 ~ +6.0
V
Input voltage
VIN
-0.5 ~ +6.0
V
Output Voltage
VOUT
-0.5 ~ Vcc +0.5
V
Input Diode Current
IIK
±20
mA
Output Diode current
IOK
±20
mA
Output Current
IOUT
±25
mA
Vcc, GND Current
ICC, IGND
±50
mA
Continuous Total
Power Dissipation (Ta=55°C)
Pd
150
mW
Storage Temperature
Tstg
-65 ~ +150
°C
Note: Voltage is all Ground standardized.


Similar Part No. - ML74UL02

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
2-input NAND Gate
ML74UL04 MINILOGIC-ML74UL04 Datasheet
132Kb / 3P
Inverter
ML74UL08 MINILOGIC-ML74UL08 Datasheet
120Kb / 3P
2-input AND Gate
More results

Similar Description - ML74UL02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
2-INPUT NOR GATE
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
2-INPUT NOR GATE
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
2-input NOR gate
Rev. 2 - 12 January 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com