Electronic Components Datasheet Search
  English  ▼

X  

SR280S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SR280S
Description  2.0 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR280S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SR280S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR280S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SR220S THRU SR2100S
VOLTAGE 20V ~ 100V
2.0 AMP Schottky Barrier Rectifiers
DO-41
FEATURES
. Low forward voltage drop
. High current capability
. High reliability
. High surge current capability
. Epitaxial construction
MECHANICAL DATA
. Case: Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Lead:Axial Lead, solderable per MIL-STD-202,
method 208 guaranteed
. Polarity: Color band denotes cathode end
. Mounting position:Any
. Weight: 0.34 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SR220S
SR230S
SR240S
SR250S SR260S
SR280S SR2100S
UNITS
Maximum Recurrent Peak Reverse Voltage
20
30
40
50
60
80
100
V
Working Peak Reverse Voltage
20
30
40
50
60
80
100
V
Maximum DC Blocking Voltage
20
30
40
50
60
80
100
V
Maximum Average Forward Rectified Current,
See Fig. 1
2.0
A
Peak Forward Surge Current, 8.3 ms single
half Sine-wave superimposed on rated load
(JEDEC method)
50
A
Maximum Instantaneous Forward Voltage at 2.0A
0.50
0.65
0.83
V
Maximum DC Reverse Current
Ta=25
0.2
At Rated DC Blocking Voltage
Ta=100
20
mA
Typical Junction Capacitance (Note1)
170
pF
Typical Thermal Resistance R JA (Note 2)
35
/ W
Operating Temperature Range TJ
-50 ~ +150
Storage Temperature Range TSTG
-65 ~ +170
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
DIA.
.107(2.7)
.080(2.0)
DIA.
01-Jun-2003 Rev. B
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SR280S

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SR280 JGD-SR280 Datasheet
144Kb / 2P
2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SR280 BYTES-SR280 Datasheet
153Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SR280 DCCOM-SR280 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR280 FORMOSA-SR280 Datasheet
33Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR280 WTE-SR280 Datasheet
54Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SR280S

ManufacturerPart #DatasheetDescription
logo
Bytes
SR220 BYTES-SR220 Datasheet
153Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
SR220 FCI-SR220 Datasheet
132Kb / 2P
2.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR220 UNIOHM-SR220 Datasheet
65Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR220 GWSEMI-SR220 Datasheet
63Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR2150 GWSEMI-SR2150 Datasheet
63Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM2200A SECOS-SM2200A_15 Datasheet
249Kb / 2P
2.0 Amp Schottky Barrier Rectifiers
SR2200 SECOS-SR2200_15 Datasheet
303Kb / 2P
2.0 Amp Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SB220 DYELEC-SB220 Datasheet
943Kb / 2P
2.0 AMP. Schottky Barrier Rectifiers
SB220U DYELEC-SB220U Datasheet
997Kb / 2P
2.0 AMP. Schottky Barrier Rectifiers
logo
Shenzhen Yixinwei Techn...
SS210L YIXIN-SS210L Datasheet
265Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com