Electronic Components Datasheet Search
  English  ▼

X  

SR320 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SR320
Description  3.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR320 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SR320 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR320 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SR320 THRU SR3100
VOLTAGE 20V ~ 100V
3.0AMP Schottky Barrier Rectifiers
DO-27
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads , solderable per MIL-STD-202,
method 208 guaranteed
* Pola rity : Color bandde notes cathode end
* Mounting position: Any
* Weight: 1.10 grams
3.0
80
0.3
30
20
-50
+150
- 65
+175
0.52
250
V
V
0.65
0.83
20
20
20
SR320
30
30
30
SR330
40
40
40
SR340
60
60
60
SR360
80
80
80
SR380
100
100
100
SR3100
θ
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current Ta= 25 C
at Rated DC Blocking Voltage Ta=100 C
Typical Junction Capacitance (Note1)
NOTES:
1. Measuredat 1MHz and applied reversevoltage of 4.0V D.C.
2. Thermal ResistanceJunction to Ambient Vertical PC Board Mounting 0.5"(12.7mm)Lead Length.
Typical Thermal Resistance R.JA (Note 2)
A
A
V
m
m
A
A
pF
UNITS
Operating
Storage Temperature Range T STG
Temperature Range TJ
C
C
C
/W
V
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SR320

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR320 WTE-SR320 Datasheet
47Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR320 RECTRON-SR320 Datasheet
230Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes)
logo
Bytes
SR320 BYTES-SR320 Datasheet
153Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR320 CHENYI-SR320 Datasheet
165Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR320 FORMOSA-SR320 Datasheet
33Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR320

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5820 JGD-1N5820 Datasheet
142Kb / 2P
3.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Cystech Electonics Corp...
SB320 CYSTEKEC-SB320 Datasheet
248Kb / 3P
3.0Amp Schottky Barrier Rectifiers
SB3150 CYSTEKEC-SB3150 Datasheet
230Kb / 6P
3.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
1N5820 SECOS-1N5820_15 Datasheet
154Kb / 2P
3.0AMP Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SB320 YFWDIODE-SB320 Datasheet
74Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SR320 YFWDIODE-SR320 Datasheet
73Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SB320-DO-27 YFWDIODE-SB320-DO-27 Datasheet
297Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SR320-DO-27 YFWDIODE-SR320-DO-27 Datasheet
296Kb / 2P
3.0Amp Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
3.0AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com