Electronic Components Datasheet Search
  English  ▼

X  

SR830E Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SR830E
Description  8.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR830E Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SR830E Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR830E Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SR820E THRU SR860E
VOLTAGE 20V ~ 60V
8.0AMP Schottky Barrier Rectifiers
8.0
120
1.0
50
0.55
0.70
700
460
14
20
20
SR820E
21
30
30
SR830E
24
35
35
SR835E
28
40
40
SR840E
31
45
45
SR845E
42
60
60
SR860E
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
3.0
V
V
A
A
V
mA
mA
pF
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 1.10 grams
UNITS
V
Typical Thermal Resistance R JC (Note 2)
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Case.
-50
+125
-65
+150
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
DO-27
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
Dimensions in inches and (millimeters)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
θ
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SR830E

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR830E SECOS-SR830E Datasheet
267Kb / 2P
8.0AMP Schottky Barrier Rectifiers
More results

Similar Description - SR830E

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP820S SECOS-SP820S Datasheet
398Kb / 2P
8.0AMP Schottky Barrier Rectifiers
SR820E SECOS-SR820E_08 Datasheet
267Kb / 2P
8.0AMP Schottky Barrier Rectifiers
SR8200E SECOS-SR8200E_11 Datasheet
165Kb / 2P
8.0Amp Schottky Barrier Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
S8GBU20 SECOS-S8GBU20_15 Datasheet
225Kb / 2P
8.0Amp Glass Passivited Bridge Rectifiers
SR820E SECOS-SR820E_15 Datasheet
267Kb / 2P
8.0AMP Schottky Barrier Rectifiers
SR8200E SECOS-SR8200E_15 Datasheet
165Kb / 2P
8.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR820-TO220AC YFWDIODE-SR820-TO220AC Datasheet
269Kb / 2P
8.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
S8GBU20-C SECOS-S8GBU20-C Datasheet
225Kb / 2P
8.0Amp Glass Passivited Bridge Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com