Electronic Components Datasheet Search
  English  ▼

X  

SR2020 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SR2020
Description  20.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR2020 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SR2020 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR2020 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SR2020 THRU SR20100
VOLTAGE 20V ~ 100V
20.0AMP Schottky Barrier Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified
.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Case.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at
10.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
20
22.5
0.3
3.0
V
V
A
A
V
mA
mA
pF
UNITS
V
Typical Thermal Resistance Rθ JC (Note 2)
700
20
SR2020 SR2030 SR2040
SR2060 SR2080 SR20100
SR2050
30
30
40
50
60
80
100
40
50
60
80
100
20
30
40
50
60
80
100
-50
+150
-65
+175
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
150
125
0.64
0.54
0.79
460
280
20
0.5
0.2
7.5
45
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Dimensions in millimeters
P IN 1
P IN 3
P IN 2
.412
.248
.180
.050
.120
.158
.595
.550
.100
.051
.040
.108
(10.5)
(6.3)
(4.6)
(1.27)
(3.05)
(4.0)
(15.1)
(14.0)
(2.54)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.8 +.2
HOLE THRU
f
TO-220
CASE
1 2
3
01-Jun-2002 Rev. A
Page 1 of 2
~
~
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SR2020

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR2020 TSC-SR2020 Datasheet
90Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020 Datasheet
216Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR2020 YANGJIE-SR2020 Datasheet
725Kb / 2P
20.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
MIC GROUP RECTIFIERS
SR2020 MIC-SR2020 Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SR2020 JINANJINGHENG-SR2020 Datasheet
73Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR2020

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP2060 SECOS-SP2060 Datasheet
452Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R Datasheet
423Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP20150 SECOS-SP20150 Datasheet
255Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SR20200 SECOS-SR20200 Datasheet
184Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SBR2040F SECOS-SBR2040F_10 Datasheet
637Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP2060 SECOS-SP2060_10 Datasheet
653Kb / 2P
20.0AMP Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R_10 Datasheet
685Kb / 2P
20.0AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBR20H100CT LUGUANG-MBR20H100CT Datasheet
126Kb / 2P
20.0AMP. Schottky Barrier Rectifiers
SR2020 LUGUANG-SR2020 Datasheet
280Kb / 2P
20.0AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBR20200R SECOS-SBR20200R_15 Datasheet
459Kb / 2P
20.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com