Electronic Components Datasheet Search
  English  ▼

X  

SR1640 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SR1640
Description  VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR1640 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SR1640 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR1640 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SR1620 THRU SR16100
VOLTAGE 20V ~ 100V
16.0AMP Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SR1
620 THRU SR16100)
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
2
4
6
8
10
12
2000
2400
2800
1600
1200
800
400
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
5.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
Tj=75 C
Tj=25 C
100
50
0
150
250
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0
0
20
40
60
80
100
120
140
160
180
200
CASE TEMPERATURE,( C)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
SR16
60~SR1
6100
SR162
0~SR1
640
Pulse Width 300
µs
1% Duty Cycle
Tj=25 C
SR1660
SR162
0~SR
1640
SR1680~SR1
6100
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com