Electronic Components Datasheet Search
  English  ▼

X  

SR10150 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SR10150
Description  10.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR10150 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SR10150 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR10150 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individua
l
SR10150
VOLTAGE 150V
10.0AMP Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SR10150)
REVERSE VOLTAGE,(V)
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
500
700
400
300
200
100
0
600
1
2
5
Tj=25 C
10
50
100
NUMBER OF CYCLES AT 60Hz
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
80
40
0
120
200
160
1
10
50
Tj=25 C
SURGE CURRENT
8.3ms Single Half
Sine Wave
JEDEC method
4
6
8
10
12
2
0
70
80
90
100
110
120
Tc,CASE TEMPERATURE,( C)
130
140
150
160
180
dc
RATED VOLTAGE
RqJC = 2 °C/W
FIG.2- TYPICAL FORWARD VOLTAGE (PER LEG)
70
ℵ
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
50
20
5
2
1
0
SQUARE
WAVE
F
V ,INSTANTANEOUS VOLTAGE(VOLTS)
TJ = 25 C
0.2
0.4
0.6
0.8
1.0
VR, REVERSE CURRENT (VOLTS)
10,000
1,000
100
10
1
0
20
40
60
80
100
120
140
160
180
200
FIG.5-TYPICAL REVERSE CURRENT(PER LEG)
0
100
100,000
Tj=25 C
Tj=100 C
Tj=125 C
Tj=150 C
Tj=25 C
Tj=100 C
Tj=125 C
Tj=150 C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
10
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com