Electronic Components Datasheet Search
  English  ▼

X  

SR40200 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SR40200
Description  40.0 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR40200 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SR40200 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR40200 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SR40200
VOLTAGE 200V
40.0 AMP Schottky Barrier Rectifiers
TO-247 (
TO-3P)
FEATURES
. Low forward voltage drop
. High current capability
. High reliability
. High surge current capability
. Epitaxial construction
MECHANICAL DATA
. Case: Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Lead: Lead solderable per MIL-S TD-202,
method 208 guaranteed
. Polarity: As Marked
. Mounting position: Any
. Weight: 5.60 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SR40200
UNITS
Maximum Recurrent Peak Reverse Voltage
200
V
Working Peak Reverse Voltage
200
V
Maximum DC Blocking Voltage
200
V
Maximum Average Forward Rectified Current,
See Fig. 1
40.0
A
Peak Forward Surge Current, 8.3 ms single half Sine-wave
superimposed on rated load (JEDEC method)
350
A
Maximum Instantaneous Forward Voltage at 20.0A
0.92
V
Maximum DC Reverse Current Ta=25
0.03
At Rated DC Blocking Voltage Ta=125
4.5
µA
Typical Junction Capacitance (Note 1)
900
pF
Typical Thermal Resistance R JC (Note 2)
3.0
/ W
Operating Temperature Range TJ
-50 ~ +150
Storage Temperature Range TSTG
-65 ~ +175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Dimensions in inches and (millimeters)
+
PIN 1
PIN 3
PIN 2
CAS E
01-Jun-2002 Rev. A
Page 1 of 2
.638(16.20)
.881(22.38)
.846(21.50)
.319(8.10)
.122(3.1)
.177(4.50)
.050(1.30)
.204(5.20)
.223(5.66)
.027(0.70)
.144(3.65)
.244(6.20)
.605(15.38)
.812(20.63)
.728(18.50)
.303(7.69)
.110(2.8) .153(3.90)
.045(1.10)
.181(4.60)
.207(5.26)
.019(0.48)
.128(3.25)
.228(5.8)
DIA.
.095
(2.4)
30
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SR40200

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR40200 JINANJINGHENG-SR40200 Datasheet
73Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR40200C RECTRON-SR40200C Datasheet
865Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 40 Amperes
2022-04/52 REV:B
logo
Jinan Jingheng (Group) ...
SR40200CT JINANJINGHENG-SR40200CT Datasheet
63Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SR40200CT SAMYANG-SR40200CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SR40200CT SUNMATE-SR40200CT Datasheet
626Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR40200

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR4045 SECOS-SR4045 Datasheet
159Kb / 2P
40.0 AMP Schottky Barrier Rectifiers
SR40150 SECOS-SR40150 Datasheet
121Kb / 2P
40.0 AMP Schottky Barrier Rectifiers
SBR40100 SECOS-SBR40100_09 Datasheet
68Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
SBR40100RF SECOS-SBR40100RF Datasheet
333Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
SBR4060RF SECOS-SBR4060RF Datasheet
133Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
SBR4060RF SECOS-SBR4060RF_15 Datasheet
133Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
SBR40100 SECOS-SBR40100_15 Datasheet
68Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
SBR40100R SECOS-SBR40100R_15 Datasheet
269Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
SBR40100RF SECOS-SBR40100RF_15 Datasheet
333Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
SBR40150R SECOS-SBR40150R_15 Datasheet
227Kb / 2P
40.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com