Electronic Components Datasheet Search
  English  ▼

X  

SPJB15 Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SPJB15
Description  Low Profile Process Sealed Tactiles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SPJB15 Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  SPJB15 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SPJB15 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SPJB15 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SPJB15 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. SPJB15 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. SPJB15 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. SPJB15 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Process Sealed Tactiles
Series JB
Distinctive Characteristics
Special bracket for right angle mounting provides added design
variations.
Higher operating force type provides more pronounced
operating feel.
Rubber seal construction prevents contact contamination
and allows automated soldering and cleaning.
JB15FP model meets IP67 of IEC60529 specifications
(similar to NEMA 4 & 13).
Choice of dimensions from PCB to top of cap allows
design flexibility.
Dome contact gives crisp tactile feedback to positively indicate
circuit transfer and assures high reliability and long life of up
to 5,000,000 operations.
Slanted terminals provide a spring type action which ensures secure
mounting and prevents dislodging during wave soldering.
Molded-in terminals are part of the sealed construction which allows
automated soldering and washing.
Terminal spacing conforms to standard .100” (2.54mm) PCB grid.
Actual Size
KEYBOARD MATRIX
1
2
3
6
5
4
7
8
9
B
0
A
9
13
10
6
11
8
12
7
2
1
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
1 2 3 4 5 6 7 8 9 10 11 12 13
= ON
P C Te r m i n a t i o n s
1
2
3
6
5
4
7
8
9
B
0
A
1
2
6
7
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
1 2 3 4 5 6 7
= ON
PC Terminations
Common Bus Matrix
X-Y Matrix
Blue = PCB Trace, Black = Switch Circuit
Blue = PCB Trace, Black = Switch Circuit
These single pole, single throw switches can be used in a key-
board matrix, and, using strapped terminals, achieve a com-
mon bus electrical configuration on a single-sided PC board.
These single pole, single throw switches can be arranged
on a single-sided PC board matrix with strapped termi-
nals to achieve an X-Y type electrical interconnection.


Similar Part No. - SPJB15

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPJ-63S SANKEN-SPJ-63S Datasheet
25Kb / 1P
Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V
SPJ-63S SANKEN-SPJ-63S Datasheet
75Kb / 2P
Schottky Barrier Diodes
SPJ-G53S SANKEN-SPJ-G53S Datasheet
75Kb / 2P
Schottky Barrier Diodes
logo
Voltage Multipliers Inc...
SPJ100F VMI-SPJ100F Datasheet
35Kb / 2P
10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 70 ns Recovery Time
SPJ100F VMI-SPJ100F Datasheet
89Kb / 2P
High Voltage Rectifier Stacks 50mA ??70ns ??Axial Leaded
More results

Similar Description - SPJB15

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CB315FP-R NKK-CB315FP-R Datasheet
159Kb / 4P
6mm Process Sealed SMT Tactiles
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
6mm Process Sealed Tactiles
JB15LPC-B NKK-JB15LPC-B Datasheet
214Kb / 6P
Low Profile Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC Datasheet
205Kb / 6P
Ultra-Thin Process Sealed Tactiles
JF15CP1C NKK-JF15CP1C Datasheet
191Kb / 6P
Ultra-Thin Process Sealed Tactiles
JB15LPC-B NKK-JB15LPC-B_10 Datasheet
178Kb / 6P
Illuminated Low Profile Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC_10 Datasheet
243Kb / 6P
Illuminated Ultra-Thin Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15LPC-JC ETC2-JB15LPC-JC Datasheet
481Kb / 6P
Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
JB15FP NKK-JB15FP Datasheet
560Kb / 8P
Low Profile Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15HLPE ETC2-JB15HLPE Datasheet
418Kb / 7P
Illuminated Low Profile Process Sealed Tactiles
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com