Electronic Components Datasheet Search
  English  ▼

X  

SS20100 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SS20100
Description  20AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SS20100 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SS20100 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SS20100 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SS2020 THRU SS20100
VOLTAGE 20V ~ 100V
20AMP Schottky Barrier Rectifiers
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
700
150
125
460
280
20
1 5
150
20
20
20
SS2020
30
30
30
SS2030
40
40
40
SS2040
60
60
60
SS2060
80
80
80
SS2080
100
100
100
SS20100
0.65
0.83
0.52
0.45
-50
+150
-65
+175
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 Cambient temperature unless otherwise specified.
Single phase half wave,60Hz,resistive or inductive load.
For capacitive load,derate current by 20%.
TYPENUMBER
MaximumRecurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig.1
Peak Forward Surge Current,8.3 ms single half sine-wave
superimposed on rated load (JEDECmethod)
Maximum Instantaneous Forward Voltage at
10.0A
Maximum DCReverse Current
Ta=25 C
at Rated DCBlocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
3.0
V
V
A
A
V
mA
mA
pF
UNITS
V
Operating Temperature Range TJ
Storage Temperature Range TSTG
Typical Thermal Resistance R
θJC (Note 1)
C/W
C
C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
.412
.248
.040
.180
.050
.120
.158
.595
.550
.200
.051
.040
.108
(10.5)
(6.3)
(1.0)
(4.6)
(1.27)
(3.05)
(4.0)
(15.1)
(14.0)
(5.08)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.8 +.2
HOLE T HR U
+
+
+
P IN 1
P IN 1
P IN 2
P IN 2
C AS E
C AS E
C ase P ositive
C ase Negative
S uffix "R "
TO-220A
01-Jun-2002 Rev. A
Page 1 of 2
~
~
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SS20100

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SS20100FL DIOTECH-SS20100FL Datasheet
691Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS20100FL PANJIT-SS20100FL Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS20100FL TAYCHIPST-SS20100FL Datasheet
3Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SS20100FL YENYO-SS20100FL Datasheet
237Kb / 2P
2.0A Schottky Barrier Rectifier
logo
Won-Top Electronics
SS20100FL WTE-SS20100FL Datasheet
50Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
April, 2012
More results

Similar Description - SS20100

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MBR2020CT CHENYI-MBR2020CT Datasheet
227Kb / 2P
20Amp schottky barrier rectifier 20to100 volts
logo
Cystech Electonics Corp...
MBR20100AE3 CYSTEKEC-MBR20100AE3 Datasheet
193Kb / 5P
20Amp. Schottky Barrier Rectifiers
MBR20100AFP CYSTEKEC-MBR20100AFP Datasheet
263Kb / 5P
20Amp. Schottky Barrier Rectifiers
MBR20100BE3 CYSTEKEC-MBR20100BE3 Datasheet
152Kb / 4P
20Amp. Schottky Barrier Rectifiers
MBR20150E3 CYSTEKEC-MBR20150E3 Datasheet
243Kb / 5P
20Amp. Schottky Barrier Rectifiers
MBR20150FP CYSTEKEC-MBR20150FP Datasheet
163Kb / 4P
20Amp. Schottky Barrier Rectifiers
MBR20200E3 CYSTEKEC-MBR20200E3 Datasheet
160Kb / 4P
20Amp. Schottky Barrier Rectifiers
MBR20200FP CYSTEKEC-MBR20200FP Datasheet
221Kb / 4P
20Amp. Schottky Barrier Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MBR2040D SECOS-MBR2040D Datasheet
185Kb / 2P
20Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com