Electronic Components Datasheet Search
  English  ▼

X  

JS0104AP4-S Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JS0104AP4-S
Description  Ultra-Miniature Slide & Piano DIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JS0104AP4-S Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  JS0104AP4-S Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JS0104AP4-S Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JS0104AP4-S Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JS0104AP4-S Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JS0104AP4-S Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature Slide & Piano DIP
Series JS
Distinctive Characteristics
Slide type and piano type actuators available.
Twin sliding contact mechanism with self-cleaning action (JS01)
provides smooth actuation and produces high contact reliability.
Gold plated contacts prevent oxidation and sulfide effect
and provide stable contact resistance.
Use of self-extinguishing UL94V-0 certified material
in cover and base provides high arc resistance and
high insulation resistance.
Slanted terminals ensure secure PCB mounting and
prevent dislodging during wave soldering.
Terminal spacing conforms to standard .100” (2.54mm) PCB grid.
End-to-end stackable.
Actual Sizes
JS01
JS03


Similar Part No. - JS0104AP4-S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
JS010504 ISC-JS010504 Datasheet
361Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - JS0104AP4-S

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RP-02 DBLECTRO-RP-02 Datasheet
314Kb / 2P
PIANO TYPE DIP SWITCH
RPL-02 DBLECTRO-RPL-02 Datasheet
280Kb / 3P
Piano Type Dip Switch
logo
Nihon Kaiheiki Industry...
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
Ultra-Miniature SMT DIP Slides
logo
OEN India Limited
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
SLIDE&PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6SR OMRON-A6SR Datasheet
403Kb / 4P
DIP Switch (Piano Type)
A6TR OMRON-A6TR Datasheet
334Kb / 4P
DIP Switch (Piano Type)
logo
E-SWITCH
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
PIANO DIP SWITCHES
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
PIANO DIP SWITCHES
logo
Adam Technologies, Inc.
SW-DP-XX-SPST-V-T-P-L ADAM-TECH-SW-DP-XX-SPST-V-T-P-L Datasheet
80Kb / 1P
PIANO TYPE DIP SWITCH
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
SLIDE & PIANO TYPE DIP SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com