Electronic Components Datasheet Search
  English  ▼

X  

JF15AP2CE Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JF15AP2CE
Description  Ultra-Thin Process Sealed Tactiles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JF15AP2CE Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  JF15AP2CE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CE Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JF15AP2CE Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Thin Process Sealed Tactiles
Series JF
General Specifications
Electrical Capacity (Resistive Load)
Low Level:
50mA @ 24V DC
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 250V DC
Dielectric Strength:
250V AC minimum for 1 minute minimum
Mechanical Life:
500,000 operations minimum
Electrical Life:
500,000 operations minimum
Nominal Operating Force:
3.0N for flush actuator
2.0N for sculptured actuator
Total Travel:
Flush Actuators .016” (0.4mm); Sculptured Actuator: .031” (0.8mm)
Materials & Finishes
Actuator:
Polyamide for spot illuminated; polycarbonate for full face
Case:
Glass fiber reinforced polyamide
Seal:
Nitrile butadiene rubber
Base:
Glass fiber reinforced polyester
Movable Contact:
Phosphor bronze with silver plating
Stationary Contacts:
Brass with silver plating
Terminals:
Brass with silver plating
Environmental Data
Operating Temperature Range:
–25°C through +70°C (–13°F through +158°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering:
Wave Soldering recommended. See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Cleaning:
Automated cleaning. See Cleaning specifications in Supplement section.
Switches should not be operated or have any pressure on the actuators during cleaning.
Full face illuminated models suitable only for bottom board spray wash to avoid contamination
of the 2-layered actuator, which may compromise the aesthetics.
Standards & Certifications
UL Recognition
The JF Series tactiles have not been tested for UL recognition or CSA certification.
or CSA Certification:
These switches are designed for use in a low-voltage, low-current, logic-level circuit.
When used as intended in a logic-level circuit, the results do not produce hazardous energy.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com