Electronic Components Datasheet Search
  English  ▼

X  

HCT08 Datasheet(PDF) 1 Page - Texas Instruments

Part # HCT08
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCT08 Datasheet(HTML) 1 Page - Texas Instruments

  HCT08 Datasheet HTML 1Page - Texas Instruments HCT08 Datasheet HTML 2Page - Texas Instruments HCT08 Datasheet HTML 3Page - Texas Instruments HCT08 Datasheet HTML 4Page - Texas Instruments HCT08 Datasheet HTML 5Page - Texas Instruments HCT08 Datasheet HTML 6Page - Texas Instruments HCT08 Datasheet HTML 7Page - Texas Instruments HCT08 Datasheet HTML 8Page - Texas Instruments HCT08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN54HCT08, SN74HCT08
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SCLS063D – NOVEMBER 1988 – REVISED AUIGUST 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operating Voltage Range of 4.5 V to 5.5 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 13 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Inputs Are TTL-Voltage Compatible
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54HCT08 ...J OR W PACKAGE
SN74HCT08 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54HCT08 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
These devices contain four independent 2-input AND gates. They perform the Boolean function
Y
+ A • BorY + A ) B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HCT08N
SN74HCT08N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HCT08D
HCT08
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HCT08DR
HCT08
–40 C to 85 C
Reel of 250
SN74HCT08DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HCT08NSR
HCT08
SSOP – DB
Reel of 2000
SN74HCT08DBR
HT08
TSSOP – PW
Tube of 90
SN74HCT08PW
HT08
TSSOP – PW
Reel of 2000
SN74HCT08PWR
HT08
Reel of 250
SN74HCT08PWT
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HCT08J
SNJ54HCT08J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HCT08W
SNJ54HCT08W
LCCC – FK
Tube of 55
SNJ54HCT08FK
SNJ54HCT08FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Similar Part No. - HCT08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCT00 TI-HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Kontron
HCT01-0000-10-0 KONTRON-HCT01-0000-10-0 Datasheet
749Kb / 4P
COM HPC/Client module size A with 12th Generation
HCT01-0000-10-0 KONTRON-HCT01-0000-10-0 Datasheet
530Kb / 4P
COM HPC/Client module size A
HCT01-0000-10-0 KONTRON-HCT01-0000-10-0 Datasheet
459Kb / 4P
COM-HPC Client Size C module based on the 12th
logo
Texas Instruments
HCT02 TI-HCT02 Datasheet
328Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Similar Description - HCT08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com