Electronic Components Datasheet Search
  English  ▼

X  

SSD20N03 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD20N03
Description  N-Ch Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD20N03 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD20N03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD20N03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD20N03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD20N03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSD20N03 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
SSD20N03
N-Ch Enhancement Mode Power MOSFET
20 A, 30 V, RDS(ON) 52 m
Ω
01-June-2005 Rev. A
Page 1 of 5
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SSD20N03 provide the designer with the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
The TO-252 package is universally preferred for all commercial-industrial surface mount applications and suited for
low voltage applications such as DC/DC converters.
FEATURES
Dynamic dv/dt Rating
Repetitive Avalanche Rated
Simple Drive Requirement
Fast Switching
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID @TC=25℃
20
A
Continuous Drain Current
ID @TC=100℃
13
A
Pulsed Drain Current
1
IDM
53
A
Total Power Dissipation
PD @Ta=25℃
31
W
Linear Derating Factor
0.25
W/℃
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
℃
THERMAL DATA
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-case
Max.
R
θj-case
4.0
℃
/ W
Thermal Resistance Junction-ambient
Max.
R
θj-amb
110
℃
/ W
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.40
3.00
K
0
0.15
E
2.30 Ref.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20


Similar Part No. - SSD20N03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20N06 SECOS-SSD20N06 Datasheet
354Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSD20N06-90D SECOS-SSD20N06-90D Datasheet
401Kb / 4P
N-Ch Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSD20N06-90D DOINGTER-SSD20N06-90D Datasheet
674Kb / 5P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SSD20N06-90D VBSEMI-SSD20N06-90D Datasheet
899Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSD20N06 SECOS-SSD20N06_15 Datasheet
401Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD20N03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com