Electronic Components Datasheet Search
  English  ▼

X  

SSD40N03 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD40N03
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD40N03 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSD40N03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD40N03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD40N03 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD40N03 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSD40N03 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Elektronische Bauelemente
SSD40N03
36A, 30V,RDS(ON)21m
N-Channel Enhancement Mode Power Mos.FET
Ω
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 5
Fig 7. Maximum Safe Operating Area Fig 8. Effective Transient Thermal Impedance
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristics of
Reverse Diode
Fig 12. Gate Threshold Voltage v.s.
Junction Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com