Electronic Components Datasheet Search
  English  ▼

X  

NDFR16P Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # NDFR16P
Description  8mm Process Sealed DIP Rotaries
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

NDFR16P Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  NDFR16P Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. NDFR16P Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. NDFR16P Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. NDFR16P Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
11-07
8mm Process Sealed DIP Rotaries
Series ND
TYPICAL SWITCH ORDERING EXAMPLE
P
ND
Decimal Positions
Straight PC Terminals
Shaft Actuated
Complement Coded
ACTUATORS
F
Screwdriver Actuated
K
Shaft Actuated
TERMINALS
P
Straight
H
Right Angle
C
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
NDKC10P
TRUTH TABLES (CIRCUITS & POSITIONS)
10
CIRCUITS
R
Real Coded
(White Actuator)
C
Complement Coded
(Red Actuator)
POSITIONS
10
Decimal
16
Hexadecimal
K
F
Screwdriver Actuated
ACTUATORS
Actuator colors:
White for real coded
Red for complement coded
Actuators are fully rotational in either direction.
K
Shaft Actuated
Actuator colors:
White for real coded
Red for complement coded
Decimal
Hexadecimal
0 1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 6 7 8 9 A B C D E F
Real Coded
Model Numbers:
NDFR, NDKR
1
2
4
8
Complement
Coded
Model Numbers:
NDFC, NDKC
1
2
4
8
R
C
10
16
Actuator Position
x = ON
Terminal No. (Output)
3 4
N D - F
R 1 0 P
N D -
K R 1 0
P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com