Electronic Components Datasheet Search
  English  ▼

X  

P2011 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P2011
Description  Internationally Approved Toggles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2011 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2011 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2011 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2011 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2011 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Toggles
Series P
(6.35)
.250
(1.3) Dia
.051
(4.75)
.187
(9.0)
.354
Thk = (0.8)
.031
Epoxy Seal
(4.5)
.177
(2.6)
.102
(1.25)
.049
(2.0)
.079
Thk = (1.0)
.039
(7.6)
.299
(1.17)
.046
Thk = (1.0)
.039
Epoxy Seal
(4.8)
.189
TOGGLES & BUSHINGS
E
Panel Thickness
with Keyway
.134” (3.4mm)
maximum
For 6mm Bushing: 1 Locking Ring AT507M, 1 Internal Tooth Lockwasher AT509, 2 Hex Nuts AT513M
For 12mm Bushing: 1 Hex Face Nut AT503M, 1 Locking Ring AT506M, 1 Internal Tooth Lockwasher AT508, 1 Hex Mounting Nut AT527M
.450” (11.4mm)
Flatted with
6mm Bushing
No Code
.689” (17.5mm)
Large Bat with
12mm Bushing
TERMINALS
Solder Lug
B
D .748” (19.0mm)
White Capped Column
with 12mm Bushing
.512” (13.0mm)
White Cap with
6mm Bushing
Panel Cutouts
Panel Thickness
with Locking Ring
.102” (2.6mm)
maximum
Panel Thickness
with Keyway
.256” (6.5mm)
maximum
Panel Thickness
with Locking Ring
.217” (5.5mm)
maximum
Standard Hardware
Z
P
No Code
.187” (4.75mm)
Quick Connect
Straight PC
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
(6.35) Dia
.250
(5.6)
.220
(0.6)
.024
(6.35) Dia
.250
(6.5)
.256
(2.2) Dia
.087
TYPICAL SWITCH DIMENSIONS
P2012
P2011 models do not have terminal 1a.
12mm Bushing
P2021B, P2022B, P2023B
6mm Bushing
P2011, P2012, P2013
SPST
SPDT
DPST
DPDT
P2022B
P2021 models do not have terminals 1a & 2a.
25
°
(13.0)
.512
(4.2) Dia
.165
(5.08)
.200
25
°
(11.4)
.450
(2.54)
.100
(19.0)
.748
25
°
(4.4) Dia
.173
Keyway
(11.0)
.433
(13.0)
.512
(8.0)
.315
(7.62)
.300
M6 P0.75
(0.5)
.020
(0.8)
.031
(5.0)
.197
25
°
(4.2) Dia
.165
(22.0)
.866
(1.0) Typ
.039
(1.25) x (2.0) Typ
.049 x .079
(0.9)
.035
1b
1a
1
(20.5)
.807
(2.6)
.102
Keyway
(20.0)
.787
M12 P1
(7.62)
.300
(0.5)
.020
(0.8)
.031
(5.0)
.197
25
°
(6.0) Dia
.236
(17.5)
.689
(12.0)
.472
(21.1)
.831
(1.0) Typ
.039
(1.25) x (2.0) Typ
.049 x .079
1
2
2a
1a
1b
2b
(10.16)
.400
(20.5)
.807
(2.6) Typ
.102
(17.5)
.689
25
°
(6.0) Dia
.236
(10.16)
.400
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
1a
2a
2
1b
2b
(10.16)
.400
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
2
1b
2b
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
1b
(1.8) Dia Typ
.071
(7.62) Typ
.300
1
1a
1b



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com