Electronic Components Datasheet Search
  English  ▼

X  

SSG9475 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9475
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9475 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSG9475 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9475 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9475 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG9475 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SSG9475
6.9A, 60V,RDS(ON) 40m
N-Channel Enhancement Mode Power Mos.FET
Ω
01-Jun-2002 Rev. A
Page
4 of 4
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com