Electronic Components Datasheet Search
  English  ▼

X  

SSG9478 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9478
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9478 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG9478 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9478 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9478 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG9478 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG9478
4.8A, 60V,RDS(ON) 64m
N-Channel Enhancement Mode Power Mos.FET
Absolute Maximum Ratings
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
Continuous Drain Current
Pulsed Drain Current
Ω
Description
The SSG9478 provide the designer with the best Combination of fast switching,
ruggedized device design, Ultra low on-resistance and cost-effectiveness.
Features
* Simple drive requirement
* Low gate charge
Total Power Dissipation
Linear Derating Factor
Operating Junction and Storage Temperature Range
Parameter
Symbol
Ratings
Unit
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient
Max.
A
V
V
A
A
ID@TA=70
/W
C
W / C
C
W
VDS
VGS
ID@TA=25
IDM
PD@TA=25
Tj, Tstg
Rthj-a
60
±25
30
4.8
3.8
2.5
0.02
-55~+150
50
o
o
o
C
o
C
o
C
o
3
3
1
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.25
Dimensions in millimeters
6.20
5.80
1.27Typ.
0.35
0.49
4.80
5.00
0
0.100.25
1.35
1.75
0.40
0.90
0.19
0.25
3.80
4.00
0.375 REF
o
8
o
45
o
S
S
S
G
D
D
D
D
9478SC
Date Code
1
5
7
8
2
3
4
6
SOP-8
* Fast switching Characteristic
industrial surface mount application and suited for low
The SOP-8 is universally preferred for all commercial
voltage applications such as DC/DC converters.
01-Jun-2002 Rev. A
Page 1 of
4
S
D
G
RoHS Compliant Product


Similar Part No. - SSG9478

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG9475 SECOS-SSG9475 Datasheet
586Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SSG9475 SECOS-SSG9475_15 Datasheet
587Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
More results

Similar Description - SSG9478

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM161 SECOS-SGM161 Datasheet
546Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2308 SECOS-SGM2308 Datasheet
379Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2310 SECOS-SGM2310 Datasheet
508Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SID01L60 SECOS-SID01L60 Datasheet
710Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2304 SECOS-SMG2304 Datasheet
454Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SMG2304A SECOS-SMG2304A Datasheet
455Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG3018K SECOS-SMG3018K Datasheet
719Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com