Electronic Components Datasheet Search
  English  ▼

X  

SN74LS245 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS245
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS245 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LS245 Datasheet HTML 1Page - Texas Instruments SN74LS245 Datasheet HTML 2Page - Texas Instruments SN74LS245 Datasheet HTML 3Page - Texas Instruments SN74LS245 Datasheet HTML 4Page - Texas Instruments SN74LS245 Datasheet HTML 5Page - Texas Instruments SN74LS245 Datasheet HTML 6Page - Texas Instruments SN74LS245 Datasheet HTML 7Page - Texas Instruments SN74LS245 Datasheet HTML 8Page - Texas Instruments SN74LS245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54LS245, SN74LS245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SDLS146A – OCTOBER 1976 – REVISED FEBRUARY 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54LS245
SN74LS245
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VIK
Input clamp voltage
VCC = MIN,
II = –18 mA
–1.5
–1.5
V
Hysteresis (VT+ – VT–)
A or B
VCC = MIN
0.2
0.4
0.2
0.4
V
VOH
High level output voltage
VCC = MIN,
VIH 2V
IOH = –3 mA
2.4
3.4
2.4
3.4
V
VOH
High-level output voltage
VIH = 2 V,
VIL = VIL(max)
IOH = MAX
2
2
V
VOL
Low level output voltage
VCC = MIN,
VIH 2V
IOL = 12 mA
0.4
0.4
V
VOL
Low-level output voltage
VIH = 2 V,
VIL = VIL(max)
IOL = 24 mA
0.5
V
IOZH
Off-state output current,
high-level voltage applied
VCC = MAX,
OE at 2 V
VO = 2.7 V
20
20
µA
IOZL
Off-state output current,
low-level voltage applied
VCC = MAX,
OE at 2 V
VO = 0.4 V
–200
–200
µA
II
Input current at
maximum input
A or B
VCC = MAX
VI = 5.5 V
0.1
0.1
mA
II
maximum input
voltage
DIR or OE
VCC = MAX
VI = 7 V
0.1
0.1
mA
IIH
High-level input current
VCC = MAX,
VIH = 2.7 V
20
20
µA
IIL
Low-level input current
VCC = MAX,
VIL = 0.4 V
–0.2
–0.2
mA
IOS
Short-circuit output current§
VCC = MAX
–40
–225
40
–225
mA
Total, outputs high
48
70
48
70
ICC
Supply current
Total, outputs low
VCC = MAX
Outputs open
62
90
62
90
mA
Outputs at high Z
64
95
64
95
† For conditions shown as MIN or MAX, use the appropriate values specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
C45 pF
R
667
W
8
12
ns
tPHL
Propagation delay time high to low level output
CL = 45 pF,
RL = 667 W
8
12
ns
tPHL
Propagation delay time, high- to low-level output
8
12
tPZL
Output enable time to low level
CL =45 pF
RL = 667 W
27
40
ns
tPZH
Output enable time to high level
CL = 45 pF,
RL = 667 W
25
40
ns
tPLZ
Output disable time from low level
CL =5 pF
RL = 667 W
15
25
ns
tPHZ
Output disable time from high level
CL = 5 pF,
RL = 667 W
15
28
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com