Electronic Components Datasheet Search
  English  ▼

X  

SSGSC34119 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SSGSC34119
Description  Low Power Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSGSC34119 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSGSC34119 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SSGSC34119 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Elektronische Bauelemente
SSGSC34119
Low Power Audio Amplifier
01-June-2002 Rev. A
Page 4 of 9
The outputs of both amplifiers are capable of sourcing and sinking a peak current of 200 mA. The outputs can
typically swing to within
≈0.4 V above ground, and to with ≈ 1.3 V below V
CC, at the maximum current. See Figures 17
and 18 for VOH and VOL curves.
The output dc offset voltage (VO1-VO2) is primarily a function of the feedback resistor (Rf), and secondarily due to the
amplifiers' input offset voltages. The input offset voltage of the two amplifiers will generally be similar for a particular IC,
and therefore nearly cancel each other at the outputs. Amplifier #1's bias current, however, flows out of Vin (Pin 4) and
through Rf, forcing V01 to shift negative by an amount equal to [Rf x IIB]. VO2 is shifted positive an equal amount. The
output offset voltage, specified in the Electrical Characteristics, is measured with the feedback resistor shown in the
Typical Application Circuit, and therefore takes into account the bias current as well as internal offset voltages of the
amplifiers. The bias current is constant with respect to VCC.
FC1 and FC2
Power supply rejection is provided by the capacitors (C1 and C2 in the Typical Application Circuit) at FC1 and FC2.
C2 is somewhat dominant at low frequencies, while C1 is dominant at high frequencies, as shown in the graphs of
Figures 4 to 7. The required values of C1 and C2 depend on the conditions of each application. A line powered
speakerphone, for example, will require more filtering than a circuit powered by a well regulated power supply. The
amount of rejection is a function of the capacitors, and the equivalent impedance looking into FC1 and FC2 (listed in the
Electrical Characteristics as RFC1 and RFC2).
In addition to providing filtering, C1 and C2 also affect the turn-on time of the circuit at power-up, since the two
capacitors must charge up through the internal 50 k
Ω and 125 kΩ resistors. The graph of Figure 1 indicates the turn-on
time upon application of VCC of + 6.0 V. The turn-on time is ≈ 60% longer for VCC = 3.0 V, and ≈ 20% less for VCC = 9.0V.
Turn-off time is < 10 us upon removal of VCC.
Chip Disable
The Chip Disable (Pin 1) can be used to power down the IC to conserve power, or for muting, or both. When at a
Logic "0" (0 V to 0.8 V), the SGSC34119 is enabled for normal operation. When Pin 1 is at a Logic "1" (2.0 V to VCC V),
the IC is disabled. If Pin 1 is open, that is equivalent to a Logic "0", although good design practice dictates that an input
should never be left open. Input impedance at Pin 1 is a nominal 90 k
Ω. The power supply current (when disabled) is
shown in Figure 19.
Muting, defined as the change in differential gain from normal operation to muted operation, is in excess of 70 dB.
The turn-off time of the audio output, from the application of the CD signal, is <2.0
μs, and turn on-time is 12 ms-15 ms.
Both times are independent of C1,C2, and VCC.
When the SGSC34119 is disabled, the voltages at FC1 and FC2 do not change as they are powered from VCC. The
outputs, VO1 and VO2, change to a high impedance condition, removing the signal from the speaker. If signals from other
sources are to be applied to the outputs (while disabled), they must be within the range of VCC and Ground.
Power Dissipation
Figures 8 to 10 indicate the device dissipation (within the IC) for various combinations of VCC, RL, and load power.
The maximum power which can safely be dissipated within the SGSC34119 is found from the following equation: PD =
(140°C-TA)/θJA where TA is the ambient temperature; and θJA is the package thermal resistance (100°C /W for the
standard DIP package.)
The power dissipated within the SGSC34119, in a given application, is found from the following equation:
PD = (VCC x ICC) + (IRMS x VCC) – (RL x IRMS
2) where I
CC is obtained from Figure 19; and IRMS is the RMS current at the
load; and RL is the load resistance.
Figures 8 to 10, along with Figures 11 to 13 (distortion curves), and a peak working load current of ±200 mA, define
the operating range for the SGSC34119. The operating range is further defined in terms of allowable load power in
Figure 14 for loads of 8.0
Ω, 16Ω and 32Ω. The left (ascending) portion of each of the three curves is defined by the
power level at which 10% distortion occurs. The center flat portion of each curve is defined by the maximum output
current capability of the SGSC34119. The right (descending) portion of each curve is defined by the maximum internal
power dissipation of the IC at 25°C. At higher ambient temperatures, the maximum load power must be reduced
according to the above equations. Operating the device beyond the current and junction temperature limits will degrade
long term reliability.
Layout Considerations
Normally a snubber is not needed at the output of the SGSC34119, unlike many other audio amplifiers. However, the
PC board layout, stray capacitances, and the manner in which the speaker wires are configured, may dictate otherwise.
Generally, the speaker wires should be twisted tightly and not more than a few inches in length.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com