Electronic Components Datasheet Search
  English  ▼

X  

P2011N-DC Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # P2011N-DC
Description  Internationally Approved Rockers/Paddles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2011N-DC Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2011N-DC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2011N-DC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2011N-DC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2011N-DC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. P2011N-DC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Rockers/Paddles
Series P
Distinctive Characteristics
International certifications from UL, CSA, VDE, SEMKO, and SEV.
Contacts of special silver alloy resist arcing and guarantee
stable electrical contact and long life.
Stainless steel frame resists corrosion and
increases environmental safety.
High insulating barriers increase isolation of
circuits in double pole devices and provide
added protection to contact points.
Case/base of heat resistant resin meets
UL94V-0 flammability standard.
Prominent external insulating barriers
increase insulation resistance and
dielectric strength.
Clinching of the frame to the case well above
the base and terminals provides 4,000V
dielectric strength.
Epoxy sealed terminals prevent entry of flux, solvents,
and other contaminants.
Actual Size


Similar Part No. - P2011N-DC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
P2011N-DC NKK-P2011N-DC Datasheet
159Kb / 5P
General Specifications
More results

Similar Description - P2011N-DC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
Internationally Approved Pushbuttons
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
Internationally Approved TV Rated Rockers
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
Internationally Approved Rockers
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
Miniature Rockers
P2011 NKK-P2011 Datasheet
172Kb / 4P
Internationally Approved Toggles
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
Internationally Approved Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
Miniature Rockers
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
Miniature Rockers
logo
Nihon Kaiheiki Industry...
P2022B NKK-P2022B Datasheet
491Kb / 4P
Internationally Approved Toggles
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com